Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 16 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 16 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 20Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —16
Returns the D-terminal discrimination result for the system determined by the INSEL register.
Returns the D-terminal connection status information.
SUB ADDRESS: 01h
− D-terminal input status
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Description
Name
L1
L2
L3
Value
Decode INn_Ln input selected series via
INSEL register
(L1: screen ruling)
001
INn_L1 input "L" (
< 0.8V) means "480"
010
INn_L1 input "M" (1.4 to 2.4V) means "720"
100
INn_L1 input "H" (
> 3.5V) means "1080"
(L2: I/P)
01
INn_L2 input "L" (
< 2.4V) means "60i"
10
INn_L2 input "H" (
> 3.5V) means "60p"
(L3: aspect ratio)
001
INn_L3 input "L" (
< 0.8V) means "4 : 3"
010
INn_L3 input "M" (1.4 to 2.4V) means "Letter
Box"
100
INn_L3 input "H" (
> 3.5V) means "16 : 9"
SUB ADDRESS: 02h
− D-terminal connection status
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Description
Name
−
SW1
SW2
Value
000000
0
IN1_SW input "L" (
< 1.8V) means
"connected"
000000
1
IN1_SW input "H" (
> 3.2V) means
"unconnected"
000000
0
IN2_SW input "L" (
< 1.8V) means
"connected"
000000
1
IN2_SW input "H" (
> 3.2V) means
"unconnected"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com