Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —8
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V, VCC = VDD = VCCD
Recommended Operating Conditions
Electrical Characteristics
DC Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75kΩ,
CH-1 and CH-2 bias inputs, CH-3 clamp input, FCM = H, FCSET = 3Fh, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
VCC, VDD, VCCD
−0.3 to 7.0
V
Input voltage
VIN
GND – 0.3 to VCC + 0.3
V
Storage temperature range
TSTG
−55 to +125
°C
Power dissipation
PD
θja = 60°C/W (at Ta = 25°C, PCB
wiring density: 100%, 0.5m/s air
flow)
0.91
W
Junction temperature
TJ
125
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage 1
VCC
VCC, VCCD
4.75 to 5.25
V
Supply voltage 2
VDD
VDD
3.0 to 5.5
V
Operating ambient temperature
Ta
Wiring density: 100%,
air flow: 0.5m/s
–20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Current consumption
ICC1
VCC = 5.25V, VIN = 0.0VP–P
–
112
154
mA
I
HIGH-level input voltage 1
VIH1
SDA, SCL
0.7 VDD
––
V
I
LOW-level Input voltage 1
VIL1
–
–
0.3 VDD
VI
HIGH-level input voltage 2
VIH2
ADS
0.8 VCC
––
V
I
Middle-level input voltage 2
VIM2
VCC/2
− 0.2
–
VCC/2
+ 0.2
VI
LOW-level input voltage 2
VIL2
–
–
0.2 VCC
VI
HIGH-level input voltage 3
VIH3
IN1_L1, IN1_L3, IN2_L1, IN2_L3
3.5
–
–
V
I
Middle-level input voltage 3
VIM3
1.4
–
2.4
V
I
LOW-level input voltage 3
VIL3
–
–
0.8
V
I
HIGH-level input voltage 4
VIH4
IN1_L2, IN2_L2
3.5
–
–
V
I
LOW-level Input voltage 4
VIL4
–
–
2.4
V
I
HIGH-level input voltage 5
VIH5
IN1_SW, IN2_SW
3.2
–
–
V
I
LOW-level Input voltage 5
VIL5
–
–
1.8
V
I
HIGH-level input voltage 6
VIH6
I/O_0, I/O_1
3.0
–
–
V
I
LOW-level Input voltage 6
VIL6
–
–
1.5
V
I
HIGH-level input leakage current 1
ILH1
SDA, SCL at input voltage = VDD
–
–
± 1.0
µAI
LOW-level input leakage current 1
ILL1
SDA, SCL at input voltage = 0V
–
–
± 1.0
µAI
HIGH-level input leakage current 2
ILH2
I/O_0, I/O_1 at input voltage = VCC
–
–
± 1.0
µAI
LOW-level input leakage current 2
ILL2
I/O_0, I/O_1 at input voltage = 0V
–
–
± 1.0
µAI
LOW-level output voltage
VOL
SDA, I/O_0, I/O_1 at output current
= 3mA
0.0
–
0.4
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com