Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5330AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —9
I2C BUS AC Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, unless otherwise noted.
Analog Input Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75kΩ,
FCM = H, FCSET = 3Fh, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
SCL clock frequency
fSCL
0
–
400
kHz
II
SCL hold time (start condition)
tHD;STA
0.6
–
–
µsII
SCL LOW-level clock pulsewidth
tLOW
1.3
–
–
µsII
SCL HIGH-level clock pulsewidth
tHIGH
0.6
–
–
µsII
SCL setup time (start condition)
tSU;STA
0.6
–
–
µsII
SDA data hold time
tHD;DAT
0
–
0.9
µsII
SDA data setup time
tSU;DAT
100
–
–
ns
II
SDA, SCL rise time
tr
−
–
300
ns
II
SDA, SCL fall time
tf
−
–
300
ns
II
SCL setup time (stop condition)
tSU;STO
0.6
–
–
µsII
Bus free time
(stop condition to start condition)
tBUF
1.3
–
–
µsII
SDA, SCL input capacitance
Ci
–
–
10
pF
II
Note. S, Sr: start condition, P: stop condition
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Clamp voltage
VCLAMP
Clamp input
1.65
1.85
2.05
V
I
Bias voltage
VBIAS
Bias input
2.15
2.35
2.55
V
I
Input resistance
RIBIAS
Bias input
–
20
–
k
Ω
II
Input amplitude 1
VAI1
Clamp input, THD
< 1.0%
–
–
1.2
Vp-p
I
Input amplitude 2
VAI2
Bias input, THD
< 1.0%
–
–
1.2
Vp-p
I
Input DC voltage range
VIDC
Direct input
1.5
–
3.0
V
I
SCL
SDA
tBUF
tSU;STO
tr
tLOW
tSU;DAT
tf
tHIGH
tSU;STA
tHD;STA
tHD;STA
tHD;DAT
SSr
P
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com