Electronic Components Datasheet Search
  English  ▼

X  

SM5330AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5330AF
Description  3-channel Video Filter with Built-in 4-system Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5330AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —1
3-channel Video Filter with Built-in 4-system Switch
OVERVIEW
The SM5330A is a 4-system input switching 3-channel video filter with 5th-order lowpass filter built-in. The
lowpass filter cutoff frequency range is 5MHz to 13MHz (SD mode) or 16MHz to 40MHz (HD mode), con-
trolled using an I2C BUS*1. The lowpass filter enables the device to be utilized in the analog input stage of
video signal equipment, functioning as an ADC system anti-aliasing filter for 480i to 1080i signal systems. The
signal input type and input system switching, in addition to the cutoff frequency, can be controlled using the
I2C BUS. The I2C BUS slave address is set using the ADS pin (3-state input), allowing a maximum of three
SM5330A devices to be controlled simultaneously.
*1. I2C BUS is a registered trademark of Philips Electronics N.V.
FEATURES
I
Supply voltages
• Analog : 4.75 to 5.25V
• Digital : 3.0 to 5.5V
I
4-system input switch function (3 channels)
I
Lowpass filter function with 64-level cutoff fre-
quency setting for each of SD/HD modes
• Cutoff frequency range
SD : 5MHz to 13MHz
HD : 16MHz to 40MHz
I
Video input pins can be independently set to sync-
tip clamp/bias/direct inputs
I
Output muting function
I
2
× 8-bit D/A converters built-in for control of
arbitrary external circuits
I
I2C BUS interface control
• Slave address: 48h, 49h, 4Ah select (up to three
devices can be used simultaneously, selected by
ADS input)
• Data transfer rate: fast mode (400kbit/s) com-
patible
• Control register write function, status register
read function
I
Output gain: 6dB
I
Operating ambient temperature range:
–20 to 70
°C
I
Package: 48-pin LQFP
APPLICATIONS
I
HDTVs
I
LCD TVs
I
PDPs
I
Projectors
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSION
(Unit: mm)
Weight: 0.18g
Device
Package
SM5330AF
48-pin LQFP
13
14
15
16
17
18
19
20
21
22
23
24
37
38
39
40
41
42
43
44
45
46
47
48
YOUT
GND
OUT_3
VCC
GND
VCC
OUT_2
GND
OUT_1
VCC
VCCD
I/O_0
IN1_L1
IN1_L2
IIN1_L3
IN1_SW
IN2_1
IN2_2
IN2_3
VCC
IN2_L1
IN2_L2
IN2_L3
IN2_SW
0.50
0.19 ± 0.05
0.08
0.10
M
9.00 ± 0.20
0.50 ± 0.10
7.00 ± 0.20
0.35MAX
0.17 ± 0.05
0.339TYP
1.00TYP


Similar Part No. - SM5330AF

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
Low Pressure Digital Sensor
logo
Silicon Mitus, Inc.
SM5334 SILICONMITUS-SM5334 Datasheet
176Kb / 2P
Over-Voltage Protection IC with Low RDS_ON 8 mΩ
Jun. 2017-Rev 0.0.2
SM5335 SILICONMITUS-SM5335 Datasheet
200Kb / 2P
Over-Voltage Protection IC with Low RDS_ON 29mΩ
July 2021 -Rev. 0.0.1
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
More results

Similar Description - SM5330AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9237BF TOSHIBA-TC9237BF Datasheet
596Kb / 15P
MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER
19-Jun-2001
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
3-channel Video Buffer with Built-in Wideband Filters
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
5-channel Video Buffer with Built-in wideband LPF
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
Low-cost audio/video switch and 4-channel SD video filter
06-Oct-2011
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
Nippon Precision Circui...
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
logo
SG Micro Corp
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
3-Channel, Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com