Electronic Components Datasheet Search
  English  ▼

X  

6300ESB Datasheet(PDF) 45 Page - Intel Corporation

Part # 6300ESB
Description  I/O Controller Hub
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

6300ESB Datasheet(HTML) 45 Page - Intel Corporation

Back Button 6300ESB Datasheet HTML 41Page - Intel Corporation 6300ESB Datasheet HTML 42Page - Intel Corporation 6300ESB Datasheet HTML 43Page - Intel Corporation 6300ESB Datasheet HTML 44Page - Intel Corporation 6300ESB Datasheet HTML 45Page - Intel Corporation 6300ESB Datasheet HTML 46Page - Intel Corporation 6300ESB Datasheet HTML 47Page - Intel Corporation 6300ESB Datasheet HTML 48Page - Intel Corporation 6300ESB Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 848 page
background image
Intel® 6300ESB I/O Controller Hub
November 2007
DS
Order Number: 300641-004US
45
Contents—Intel® 6300ESB ICH
646 Line Status Register (LSR) ...................................................................................... 718
647 Modem Control Register (MCR) ................................................................................ 720
648 Modem Status Register (MSR) ................................................................................. 721
649 Scratch Pad Register (SCR) ..................................................................................... 722
650 Divisor Latch Register Low (DLL).............................................................................. 722
651 Divisor Latch Register High (DLH) ............................................................................ 723
652 Scratch Pad Register P60 (SCR60)............................................................................ 725
653 Scratch Pad Register P64 (SCR64)............................................................................ 725
654 SIU_SERIRQ Sampling Periods................................................................................. 727
655 Configuration Registers Summary ............................................................................ 730
656 Global Control Registers.......................................................................................... 731
657 Logical Device 4 (Serial Port 0) ................................................................................ 732
658 Logical Device 5 (Serial Port 1) ................................................................................ 734
659 Logical Device 7 (Port Emulation) ............................................................................. 735
660 PCI Configuration Map (SATA–D31:F2) ..................................................................... 737
661 Offset 00 - 01h: VID—Vendor ID Register (SATA—D31:F2).......................................... 738
662 Offset 02 - 03h: DID—Device ID Register (SATA—D31:F2) .......................................... 739
663 Offset 04h - 05h: CMD—Command Register (SATA–D31:F2)........................................ 739
664 Offset 06 - 07h: STS—Device Status Register (SATA–D31:F2) ..................................... 741
665 Offset 09h: PI—Programming Interface (SATA–D31:F2) .............................................. 742
666 Offset 0Ah: SCC—Sub Class Code (SATA–D31:F2)...................................................... 742
667 Offset 0Bh: BCC—Base Class Code (SATA–D31:F2) .................................................... 743
668 Offset 0Dh: MLT—Master Latency Timer (SATA–D31:F2) ............................................. 743
669 Offset 10h - 13h: PCMD_BAR—Primary Command Block Base Address Register (SATA–D31:F2)
744
670 Offset 14h - 17h: PCNL_BAR—Primary Control Block Base Address Register (SATA–D31:F2) ..
744
671 Offset 18h - 1Bh: SCMD_BAR—Secondary Command Block Base Address Register (IDE
D31:F1)745
672 Offset 14h - 17h: SCNL_BAR—Secondary Control Block Base Address Register (IDE D31:F1) .
745
673 Offset 20h - 23h: BAR—Legacy Bus Master Base Address Register (SATA–D31:F2) ......... 746
674 Offset 2Ch - 2Dh: SVID—Subsystem Vendor ID (SATA–D31:F2).................................. 746
675 Offset 2Eh - 2Fh: SID—Subsystem ID (SATA–D31:F2) ................................................ 747
676 Offset 34h: CAP—Capabilities Pointer Register (SATA–D31:F2).................................... 747
677 Offset 3Ch: INTR_LN—Interrupt Line Register (SATA–D31:F2) ..................................... 747
678 Offset 3Dh: INTR_PN—Interrupt Pin Register (SATA–D31:F2) ...................................... 748
679 Offset 40 - 41h: IDE_TIMP—Primary IDE Timing Register (SATA–D31:F2) ..................... 748
680 Offset 44h: SIDETIM—Slave IDE Timing Register (SATA–D31:F2)................................. 750
681 Offset 48h: SDMA_CNT—Synchronous DMA Control Register (SATA–D31:F2) ................. 751
682 Offset 4A - 4Bh: SDMA_TIM—Synchronous DMA Timing Register (SATA–D31:F2) ........... 752
683 Offset 54h: IDE_CONFIG—IDE I/O Configuration Register (SATA–D31:F2)..................... 754
684 Offset 70 - 71h: PID—PCI Power Management Capability ID (SATA–D31:F2).................. 755
685 Offset 72 - 73h: PC—PCI Power Management Capabilities (SATA–D31:F2) ..................... 755
686 Offset 74 - 75h: PMCS—PCI Power Management Control and Status (SATA–D31:F2)....... 756
687 Offset 80 - 81h: MID—Message Signaled Interrupt Identifiers (SATA–D31:F2)................ 757
688 Offset 82 - 83h: MC—Message Signaled Interrupt Message Control (SATA–D31:F2) ........ 757
689 Offset 84 - 87h: MA—Message Signaled Interrupt Message Address (SATA–D31:F2) ....... 758
690 Offset 88 - 89h: MD—Message Signaled Interrupt Message Data (SATA–D31:F2) ........... 759
691 Offset 90h: MAP—Address Map (SATA–D31:F2) ......................................................... 759
692 Offset 92h: PCS—Port Status and Control (SATA–D31:F2) ........................................... 760
693 Offset A0h: SRI—SATA Registers Index (SATA–D31:F2) .............................................. 760
694 Offset A4h - A7h: SRD—SATA Registers Data (SATA–D31:F2)...................................... 761
695 STTT—SATA TX Termination Test Register A (SATA–D31:F2) ....................................... 762
696 STOT — SATA TX Output Test Register (SATA–D31:F2)............................................... 762



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com