Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 13Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 16Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 17Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 18Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
B: The effective stretching of the nominal LOW period of SCL at the master caused by
the buffer and bus rise times. See Figure 17.
C: The propagation delay of the slave's response signal through the buffers and wiring
back to the master. The important delay is that of a rising edge in the SDA signal. Rising
edges are always slower and are therefore delayed by a longer time than falling edges.
(The rising edges are limited by the passive pull-up while falling edges are actively
driven); see Figure 18.
The timing requirement in any I2C-bus system is that a slave's data response (which is
provided in response to a falling edge of SCL) must be received at the master before the
end of the corresponding LOW period of SCL as appears on the bus wiring at the master.
Since all slaves will, as a minimum, satisfy the worst case timing requirements of their
speed class (Fast-mode, Fm+, etc.), they must provide their response, allowing for the
set-up time, within the minimum allowed clock LOW period, e.g., 450 ns (max.) for Fm
+ parts. In systems that introduce additional delays it may be necessary to extend the
minimum clock LOW period to accommodate the ‘effective’ delay of the slave's response.
The effective delay of the slave’s response equals the total delays in SCL falling edge
from the master reaching the slave (Figure 16) minus the effective delay (stretch) of the
SCL rising edge (Figure 17) plus total delays in the slave's response data, carried on
SDA, reaching the master (Figure 18).
The master microcontroller should be programmed to produce a nominal SCL LOW
period as follows:
(1)
The actual LOW period will become (the programmed value + the stretching time B).
When this actual LOW period is then less than the specified minimum, the specified
minimum should be used.
Example 1:
It is required to connect an Fm+ slave, with Rs × Cs product of 100 ns, to a 5 V Fast-
mode system also having 100 ns Rm × Cm using two PCA9601’s to buffer a 5 V bus
with 4 nF loading and 160 Ω pull-up.
Calculate the allowed bus speed:
Delay A = 120 + 85 + (2.5 + [4 × 4]) × 5 + 50 = 347.5 ns
Delay B = 115 + 100 + 70 = 285 ns
Delay C = 115 + 20 + 0.7(100 + 100) = 275 ns
The maximum Fm+ slave response delay must be < 450 ns so the programmed LOW
period is calculated as:
LOW ≥ 450 + 347.5 - 285 + 275 + 100 = 887.5 ns
The actual LOW period will be 887.5 + 285 = 1 173 ns, which is below the Fast-mode
minimum, so the programmed LOW period must be increased to (1300 - 285) = 1015
ns, so the actual LOW equals the 1300 ns requirement and this shows that this Fast-
mode system may be safely run to its limit of 400 kHz.
Example 2:
It is required to buffer a Master with Fm+ speed capability, but only 3 mA sink
capability, to an Fm+ bus. All the system operates at 3.3 V. The Master Rm × Cm
product is 50 ns. Only one PCA9601 is used. The Fm+ bus becomes the buffered
bus. The Fm+ bus has 200 pF loading and 150 Ω pull-up, so its Rb × Cb product is 30
ns. The Fm+ slave has a specified data valid time tVD;DAT maximum of 300 ns.
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
15 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com