Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9601DPZ Datasheet HTML 1Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 2Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 3Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 4Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 5Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 6Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
maximum of 15 V even without VCC present. The input configuration on SX and RX also
presents no loading of external signals when VCC is not present.
The effective input capacitance of any signal pin, measured by its effect on bus rise
times, is less than 10 pF for all bus voltages and supply voltages including VCC = 0 V.
7.3 Connections to other bus buffers
Two or more SX or SY I/Os must not be interconnected. The PCA9601 design does
not support this configuration. Bidirectional I2C-bus signals do not allow any direction
control pin so, instead, slightly different logic LOW voltage levels are used at SX/SY
to avoid latching of this buffer. A ‘regular I2C-bus LOW’ applied at the RX/RY of a
PCA9601 will be propagated to SX/SY as a ‘buffered LOW’ with a slightly higher voltage
level. If this special ‘buffered LOW’ is applied to the SX/SY of another PCA9601, that
second PCA9601 will not recognize it as a ‘regular I2C-bus LOW’ and will not propagate
it to its TX/TY output. The SX/SY side of PCA9601 may not be connected to similar
buffers that rely on special logic thresholds for their operation, for example P82B96,
PCA9511A, PCA9515A, ‘B’ side of PCA9517, etc. The SX/SY side is only intended for,
and compatible with, the normal I2C-bus logic voltage levels of I2C-bus master and slave
chips, or even TX/RX signals of a second PCA9601 or P82B96 if required. The TX/RX
and TY/RY I/O pins use the standard I2C-bus logic voltage levels of all I2C-bus parts.
There are
no restrictions on the interconnection of the TX/RX and TY/RY I/O pins to
other PCA9601s, for example in a star or multipoint configuration with the TX/RX and
TY/RY I/O pins on the common bus and the SX/SY side connected to the line card slave
devices. For more details see Application Note AN10658, "Sending I2C-bus signals via
long communication cables".
7.4 Comparison of PCA9601/PCA9600 and P82B96
The PCA9601 is a direct upgrade of the P82B96 with the significant differences
summarized in Table 4. The PCA9601 provides improved interface to the higher drive
Fast-mode Plus devices on the SX/SY sides.
Detail
PCA9601/PCA9600
P82B96
Supply voltage (VCC) range:
2.5 V to 15 V
2 V to 15 V
Maximum operating bus voltage
(independent of VCC):
15 V
15 V
Typical operating supply current:
5 mA
1 mA
Typical LOW-level input voltage on I2C-bus
(SX/SY side):
0.5 V over -40 °C to +85 °C
0.65 V at 25 °C
LOW-level output voltage on I2C-bus (SX/SY
side; 3 mA sink):
0.74 V (max.) over -40 °C to +85 °C
0.88 V (typ.) at 25 °C
LOW-level output voltage on Fm+ I2C-bus
(SX/SY side; 15 mA sink):
1 V (max.) over 0 °C to 85 °C
(PCA9601 only)
n/a
Temperature coefficient of VIL / VOL:
0 mV/°C
-2 mV/°C
Logic voltage levels on SX/SY bus
(independent of VCC):
compatible with I2C-bus and similar
buses using TTL levels (SMBus, etc.)
compatible with I2C-bus and similar
buses using TTL levels (SMBus, etc.)
Typical propagation delays:
< 100 ns
< 200 ns
Table 4. PCA9601/PCA9600 versus P82B96
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
5 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com