Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 7Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 8Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 9Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 10Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 11Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 12Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 13Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
600
1400
VCC(max)
(mV)
400
Tj (°C)
002aac075
- 50
125
100
75
50
25
0
- 25
800
1000
1200
1. Maximum.
2. Typical.
Figure 9. VCC bus release limit over temperature;
maximum values
200
1000
II
(µA)
0
Tj (°C)
001aai062
- 50
125
100
75
50
25
0
- 25
400
600
800
(1)
(2)
Figure 10. Current sourced out of SX/SY as a function of
junction temperature if these pins are externally pulled
to 0.4 V or lower
002aaf484
ISX, ISY (mA)
0
30
20
10
0
1.0
0.6
0.4
1.4
VOL
(V)
0.2
0.8
1.2
Figure 11. Typical SX/SY current versus LOW-level output voltage
10 Application information
Refer to application notes AN10658 and AN255 for more detailed application information.
PCA9601
I2C-bus
SDA
002aae876
5 V
VCC (2.5 V to 15 V)
R1
RX
(SDA)
TX
(SDA)
'SDA' (new levels)
Figure 12. Interfacing a standard 3 mA I2C-bus or one with TTL levels (e.g. SMBus) to
higher voltage or higher current sink (e.g. Fast-mode Plus) devices
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
11 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com