Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 16Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 17Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 18Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 19Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 20Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 21Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
100 × 2 mV = 200 mV. So for zero current we need to specify -0.35 V and we publish -0.3
V just to have some extra margin.
Remark: You should not be concerned about the transients generated on the wiring
by a PCA9601 in normal applications and that is input to the TX/RX or TY/RY pins of
another PCA9601. Because not all ICs that may be driven by PCA9601 are designed to
tolerate negative transients, in Section 10.2.1 we show they can be managed if required.
002aaf063
voltage (V)
- 2.0
0
- 0.5
- 1.5
- 1.0
- 10
- 103
- 102
- 10- 1
- 1
0
- 104
diode current
(mA)
Figure 23. Diode characteristic curve
10.2.1 Example with questions and answers
Question: On a falling edge of TX we measure undershoot at -800 mV at the linked
TX, RX pins of the PCA9601 that is generating the LOW, but the PCA9601 data sheet
specifies minimum -0.3 V. Does this mean that we violate the data sheet absolute
value?
Answer: For PCA9601 the -0.3 V Absolute Maximum rating is not intended to apply
to transients, it is a DC rating. As shown in Figure 24, there is no theoretical reason
for any undershoot at the IC that is driving the bus LOW and no significant undershoot
should be observed when using reasonable care with the ground connection of the
‘scope. It is more likely that undershoot observed at a driving PCA9601 is caused
by local stray inductance and capacitance in the circuit and by the oscilloscope
connections. As shown, undershoot will be generated by PCB traces, wiring, or
cables driven by a PCA9601 because the allowed value of the I2C-bus pull-up resistor
generally is larger than that required to correctly terminate the wiring. In this example,
with no IC connected at the end of the wiring, the undershoot is about 2 V.
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
18 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com