Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 13Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 14Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 16Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 17Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 18Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 19Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 20Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
- 1
5
3
1
7
VCC
(V)
time (ns)
0
900
002aac934
200
100
300 400 500 600 700 800
0
2
4
6
(1)
(2)
(1)
(2)
1. RX input.
2. SX output.
Figure 22. Propagation RX to SX (SX pull-up to 3.3 V; VCC = 3.3 V; RX pull-up to 4.6 V)
10.2 Negative undershoot below absolute minimum value
The reason why the IC pin reverse voltage on pins TX and RX in Table 5 is specified at
such a low value, -0.3 V, is
not that applying larger voltages is likely to cause damage
but that it is expected that, in normal applications, there is no reason why larger DC
voltages will be applied. This ‘absolute maximum’ specification is intended to be a DC
or continuous ratings and the nominal DC I2C-bus voltage LOW usually does not even
reach 0 V. Inside PCA9601 at every pin there is a large protective diode connected to
the GND pin and that diode will start to conduct when the pin voltage is more than about
-0.55 V with respect to GND at 25 °C ambient.
Figure 23 shows the measured characteristic for one of those diodes inside PCA9601.
The plot was made using a curve tracer that applies 50 Hz mains voltage via a series
resistor, so the pulse durations are long duration (several milliseconds) and are reaching
peaks of over 2 A when more than -1.5 V is applied. The IC becomes very hot during this
testing but it was not damaged. Whenever there is current flowing in any of these diodes
it is
possible that there can be faulty operation of any IC. For that reason we put a
specification on the negative voltage that is allowed to be applied. It is selected so that, at
the highest allowed junction temperature, there will be a big safety factor that guarantees
the diode will not conduct and then we do not need to make any 100 % production tests
to guarantee the published specification.
For the PCA9601, in specific applications, there will always be transient overshoot and
ringing on the wiring that can cause these diodes to conduct. Therefore we designed the
IC to withstand those transients and as a part of the qualification procedure we made
tests, using DC currents to more than twice the normal bus sink currents, to be sure
that the IC was not affected by those currents. For example, the TX/TY and RX/RY pins
were tested to at least -80 mA which, from Figure 23, would be more than -0.8 V. The
correct functioning of the PCA9601 is not affected even by those large currents. The
Absolute Maximum (DC) ratings are not intended to apply to transients but to steady
state conditions. This explains why you will never see any problems in practice even if,
during transients, more than -0.3 V is applied to the bus interface pins of PCA9601.
Figure 23 also explains how the general Absolute Maximum DC specification was
selected. The current at 25 °C is near zero at -0.55 V. The PCA9601 is allowed to
operate with +125 °C junction and that would cause this diode voltage to decrease by
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
17 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com