Electronic Components Datasheet Search
  English  ▼

X  

PCA9601DPZ Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9601DPZ
Description  Dual bidirectional bus buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9601DPZ Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9601DPZ Datasheet HTML 15Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 16Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 17Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 18Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 19Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 20Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 21Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 22Page - NXP Semiconductors PCA9601DPZ Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
NXP Semiconductors
PCA9601
Dual bidirectional bus buffer
002aaf078
time (ns)
2
0
4
6
voltage
(V)
- 2
horizontal scale = 62.5 ns/div
send
receive
5 V
RX
TX
SX
PCA9601
send
300 Ω
5 V
2 meter
cable
5 V
300 Ω
GND
receive
Figure 24. Transients generated by the bus wiring
Question: We have 2 meters of cable in a bus that joins the TX/RX sides of two
PCA9601 devices. When one TX drives LOW the other PCA9601 TX/RX is driven to
-0.8 V for over 50 ns. What is the expected value and the theoretically allowed value
of undershoot?
Answer: Because the cable joining the two PCA9601s is a ‘transmission line’ that
will have a characteristic impedance around 100 Ω and it will be terminated by pull-
up resistors that are larger than that characteristic impedance there will always be
negative undershoot generated. The duration of the undershoot is a function of the
cable length and the input impedance of the connected IC. As shown in Figure 25, the
transient undershoot will be limited, by the diodes inside PCA9601, to around -0.8 V
and that will not cause problems for PCA9601. Those transients will
not be passed
inside the IC to the SX/SY side of the IC.
PCA9601
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 3.1 — 4 January 2022
19 / 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com