Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 17Page - Texas Instruments TLV841 Datasheet HTML 18Page - Texas Instruments TLV841 Datasheet HTML 19Page - Texas Instruments TLV841 Datasheet HTML 20Page - Texas Instruments TLV841 Datasheet HTML 21Page - Texas Instruments TLV841 Datasheet HTML 22Page - Texas Instruments TLV841 Datasheet HTML 23Page - Texas Instruments TLV841 Datasheet HTML 24Page - Texas Instruments TLV841 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
8.2.3 Detailed Design Procedure
The TLV841SADL01 can monitor any voltage above 0.505V using an external voltage divider. This device has
a negative going input threshold voltage of 0.505V; however, the design needs to assert a reset when VDD
drops below 2.90V. By using a resistor divider (R1 = 47.5 kΩ, R2 = 10kΩ) the negative going threshold voltage
becomes 2.90V. The device's positive going voltage threshold is VIT- + VHYS. The typical VHYS is 25mV. This in
combination with the resistor divider makes the design's positive going threshold voltage equal to 3.05V. If VDD
falls below 2.90V, RESET will assert. If VDD rises above 3.05V, RESET will deassert. See Figure 8-2 for a timing
diagram detailing the voltage levels and reset assertion/deassertion conditions.
RESET
tD-HL
SENSE
tD
VIT–
2.90V
3.3V
VIT–
VHYS = 3.05V
Push-button input
tD-HL
tD
Figure 8-2. Design 1 Timing Diagram
This design will also enter a reset condition when the "push-button input" is asserted. The push-button is tied
to ground and when pressed will drop the SENSE voltage to 0V, making the device assert a reset. As a good
analog practice, a 0.1 µF capacitor was also placed on VDD.
The desired reset timing conditions are sense propagation delay time (tP_HL of 25 μs (how long it takes to assert
RESET) and a reset delay time of 40 μs (how long it takes to deassert RESET). Figure 8-3 and Figure 8-4 are
the results of the described application where the measured propagation delay and reset delay time are shown
respectively.
For the requirement of a maximum output current, an external pull-up resistor needs to be selected so that the
current through the external pull-up resistor exceeds no more than 150 µA. When the reset output is low, the
voltage drop across the external pull-up resistor is equal to VDD. Ohm’s law is used to calculate the minimum
resistor value. The resistor needs to be greater than 22kΩ in order to pull less than 150 µA in the reset asserted
low condition. A resistor value of 30.1kΩ was selected to accomplish this.
Note that this design does not account for tolerances.
www.ti.com
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com