Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 4 Page - Texas Instruments

  TLV841 Datasheet HTML 1Page - Texas Instruments TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
5 Pin Configuration and Functions
RESET / RESET
VDD
GND
SENSE
A1
A2
B1
B2
Figure 5-1. YBH 4-Pin DSBGA Package
(TLV841S)
Top View
VDD
GND
CT
A1
A2
B1
B2
RESET / RESET
Figure 5-2. YBH 4-Pin DSBGA Package
(TLV841C)
Top View
VDD
GND
MR
A1
A2
B1
B2
RESET / RESET
Figure 5-3. YBH 4-Pin DSBGA Package
(TLV841M)
Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
PIN NO.
TLV841S TLV841C TLV841M
A1
RESET
RESET
RESET
O
Active-Low Output Reset Signal for TLV841xxxL: This pin is driven logic low
when VDD and SENSE voltage falls below the negative voltage threshold (VIT-)
or when the MR voltage falls below the logic low threshold. RESET remains logic
low (asserted) until MR is above the logic high threshold or for the duration of the
delay time period (tD) after VDD or SENSE voltage rises above VIT- + VHYS
A1
RESET
RESET
RESET
O
Active-High Output Reset Signal for TLV841xxxH: This pin is driven logic high
when VDD or SENSE voltage falls below the negative voltage threshold (VIT-) or
when the MR voltage falls below the logic low threshold. RESET remains logic
high (asserted) until MR is above the logic high threshold or for the duration of the
delay time period (tD) after VDD or SENSE voltage rises above VIT- + VHYS
A2
VDD
VDD
VDD
I
Input Supply Voltage: The VDD pin connects to the power supply to power
the device. TLV841C and TLV841M monitor VDD voltage. TLV841S monitors
SENSE only. Good analog design practice recommends placing a minimum 0.1
µF ceramic capacitor as near as possible to the VDD pin.
B1
SENSE
_
_
I
SENSE pin: This pin is connected to the voltage to be monitored. When the
voltage on SENSE falls below the negative threshold voltage VIT-, reset asserts.
When the voltage on SENSE rises above the positive threshold voltage (VIT- +
VHYS), reset deasserts. For noisy applications, placing a 10nF to 100nF ceramic
capacitor close to this pin may be needed for optimum performance.
B1
_
CT
_
I
Capacitor Time Delay Pin: The CT pin offers a user-programmable reset
deassert delay time. Connect an external capacitor on this pin to adjust time
delay. When not in use leave pin floating for the smallest fixed time delay.
B1
_
_
MR
I
Manual Reset: Pull this pin to a logic low to assert a reset signal in the RESET
output pin (RESET signal for DL and PL option). After MR pin is left floating
or pulls to logic high, the RESET output deasserts to the nominal state after
the reset delay time (tD)expires. If unused, the pin can be left floating or
connected to VDD.
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com