Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 1 Page - Texas Instruments

  TLV841 Datasheet HTML 1Page - Texas Instruments TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
1 Features
Designed for high performance:
• Nano quiescent current: 125nA (typical)
• High threshold accuracy: ±0.5% (typical)
• Built-in precision hysteresis (VHYS): 5% (typical)
Designed for a wide range of applications:
• Operating voltage range: 0.7V to 5.5V
• Adjustable threshold voltage: 0.505V (typical)
• Fixed (VIT-) voltage: 0.8V to 4.9V in 0.1V steps
• Separate SENSE pin (TLV841S)
• Active-low manual reset (MR) (TLV841M)
• Push-button monitoring for TLV841 (S/M variants)
• Reset time delay (tD): Capacitor-based
programmable (TLV841C)
– Minimum time delay: 40µs (typical) without
capacitor
• Reset time delay (tD): Fixed time delay options
(TLV841M and TLV841S)
– 40μs, 2ms, 10ms, 30ms, 50ms, 80ms, 100ms,
150ms, 200ms
• Temperature range: –40°C to +125°C
Multiple output topologies, package type:
• TLV841xxDL: open-drain, active-low (RESET)
• TLV841xxPL: push-pull, active-low (RESET)
• TLV841xxDH: open-drain, active-high (RESET)
• TLV841xxPH: push-pull, active-high (RESET)
• Package: 0.73mm × 0.73mm DSBGA
2 Applications
• Personal electronics including wearables and
hearing devices
• Home theater and entertainment
• Electronic point of sale
• Grid infrastructure
• Data center and enterprise computing
3 Description
TLV841 is a nano power, precision voltage supervisor
with ±0.5% threshold accuracy in an ultra-small
DSBGA package. The TLV841 offers three pinout
variants (S, M, C) to provide many unique options
in the smallest package size. Built-in hysteresis
along with fixed or programmable (TLV841C) reset
delay prevent false reset signals when monitoring
a voltage rail or push button signals. The separate
VDD and SENSE (TLV841S) pins allow for the
redundancy
sought
by
high-reliability
systems.
SENSE is decoupled from VDD and can monitor rail
voltages other than VDD or can be used as a push-
button input. TLV841M offers a separate manual reset
(MR) pin to force a reset condition with an external
signal or be used as a push button input. TLV841M
can be setup for VDD and MR pin monitoring to
create a simple two-channel supervisor.
TLV841 offers precision performance, low power
consumption, and best in-class features in the
smallest compact form factor is focused for wide
range battery powered applications such as personal
and consumer products. Optional use of external
resistors are supported by the high impedance input
of the SENSE pin. TLV841S offers fixed reset delay
timing options with no need of an external capacitor.
TLV841C allows programmable reset time delay
including a minimum delay when the CT pin is left
floating. TLV841 operates over a temperature range
of -40°C to +125°C (TA).
Package Information
PART NUMBER
PACKAGE (1)
PACKAGE SIZE(2)
TLV841
YBH (DSBGA, 4)
0.73mm × 0.73mm
(1)
For package details, see the mechanical drawing addendum
at the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TLV841SADL01
VDD
GND
Microcontroller
VDD
0.7V to 5.5V
LDO
SENSE
IN
OUT
*Rpu
*Rpu only for TLV841xxDx
RESET
RESET
Typical Application Circuit
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
-40oC
25oC
125oC
Typical Supply Current
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV841 TI-TLV841 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841 TI-TLV841 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
TLV841SADL01YBHR TI-TLV841SADL01YBHR Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841SADL01YBHR TI-TLV841SADL01YBHR Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
More results

Similar Description - TLV841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61046 TI-TPS61046_15 Datasheet
923Kb / 25P
TPS61046 28-V Output Voltage Boost Converter in WCSP Package
TLV7081 TI1-TLV7081 Datasheet
409Kb / 18P
Nano-Power, Small-Size, Low-Voltage Comparator
TLV7081 TI1-TLV7081_18 Datasheet
1Mb / 22P
Nano-Power, 4-Bump WCSP, Small-Size Comparator
TPS3840 TI1-TPS3840 Datasheet
857Kb / 31P
Nano Power, High Input Voltage Supervisor With MR and Programmable Delay
TLV841 TI-TLV841 Datasheet
1Mb / 33P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
TLV840-Q1 TI-TLV840-Q1_V01 Datasheet
2Mb / 32P
TLV840-Q1 Nano-Power Voltage Supervisor with Adjustable Reset Time Delay
TLV841 TI-TLV841_V01 Datasheet
2Mb / 34P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
REVISED JULY 2021
TLV841 TI-TLV841_V02 Datasheet
2Mb / 35P
TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
JULY 2021
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
A4812 AITSEMI-A4812 Datasheet
363Kb / 6P
SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH PRECISION PROGRAMMABLE VOLTAGE DETECTOR
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com