Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments TLV841 Datasheet HTML 13Page - Texas Instruments TLV841 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
6.6 Timing Requirements
At VDDMIN ≤ VDD ≤ 5.5V, CT = MR = Open, RESET pull-up resistor Rpull-up = 100kΩ to VDD, output load is CLOAD = 10pF and
over the operating free-air temperature range –40°C to 125°C, unless otherwise noted. Typical values are at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tP_HL
Propagation detect delay for VDD falling
below VIT–
VDD = (VIT+ + 10%) to (VIT– – 10%) (1)
30
50
µs
tD
Reset time delay (TLV841C variant)
CT pin = Open or NC
40
80
µs
CT pin = 10nF
6.2
ms
CT pin = 1 µF
619
ms
tD
Reset time delay (TLV841S and TLV841M
variant) (4)
Variant A (2)
40
80
µs
Variant B (2)
2
ms
Variant C (2)
10
ms
Variant D (2)
30
ms
Variant E (2)
50
ms
Variant F (2)
80
ms
Variant G (2)
100
ms
Variant H (2)
150
ms
Variant I (2)
200
ms
tGI_VIT– Glitch immunity VIT–
5% VIT– overdrive (3)
10
µs
tSTRT
Startup Delay (5)
300
µs
t MR_PW Glitch immunity MR pin
500
ns
t MR_RES Propagation delay from MR low to reset
VDD = 3.3V, MR < V MR_L
1
µs
t MR_tD
Delay from release MR to deassert reset
VDD = 3.3V,
MR = V MR_L to V MR_H
3
µs
(1)
tP_HL measured from threshold trip point (VIT–) to VOL for active low variants and VOH for active high variants.
(2)
Refer device nomenclature table for variant description. VDD transition from VIT– – 10% to VIT+ + 10% for TLV841M and TLV841C;
VSENSE transition from VIT– – 10% to VIT+ + 10% for TLV841S
(3)
Overdrive % = [(VDD/ VIT–) – 1] × 100% for TLV841M and TLV841C; Overdrive % = [(VSENSE/ VIT–) – 1] × 100% for TLV841S
(4)
Specified by design and characterization
(5)
When VDD starts from less than the specified minimum VDD and then exceeds VPOR, reset is release after the startup delay (tSTRT).
For TLV841C variants a capacitor at CT pin will add tD delay to tSTRT time
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
www.ti.com
10
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com