Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 2Page - Texas Instruments TLV841 Datasheet HTML 3Page - Texas Instruments TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted(1)
MIN
MAX
UNIT
Voltage
VDD, SENSE (TLV841S)
–0.3
6
V
Voltage
CT (TLV841C), MR (TLV841M), RESET
(TLV841xxPx), RESET (TLV841xxPx)
–0.3
VDD+0.3 (3)
V
RESET (TLV841xxDx), RESET (TLV841xxDx)
–0.3
6
Current
RESET, RESET
±20
mA
Operating ambient
temperature(2)
TA
–40
125
°C
Storage temperature
Tstg
–65
150
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
(3)
The absolute maximum rating is (VDD + 0.3)V or 6V, whichever is smaller
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
± 2000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101(2)
± 750
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD (TLV841C, TLV841M)
0.7
5.5
V
VDD (TLV841S)
0.85
5.5
VDD (TLV841xxPH)
1
5.5
SENSE
0
5.5
MR (1), CT
0
VDD
RESET(TLV841xxPL), RESET (TLV841xxPH)
0
VDD
RESET(TLV841xxDL), RESET (TLV841xxDH)
0
5.5
Current
RESET, RESET
–5
5
mA
TA
Operating free air temperature
–40
125
°C
CCT
CT pin capacitor range
0
10
µF
(1)
If the logic signal driving MR is less than VDD, then additional current flows into VDD and out of MR. MR pin voltage must not be higher
than VDD.
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com