Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments TLV841 Datasheet HTML 13Page - Texas Instruments TLV841 Datasheet HTML 14Page - Texas Instruments TLV841 Datasheet HTML 15Page - Texas Instruments TLV841 Datasheet HTML 16Page - Texas Instruments TLV841 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
6.8 Typical Characteristics
Typical characteristics show the typical performance of the TLV841 device. Test conditions are TA = 25°C,
VDD = 3.3V, Rpull-up = 100kΩ, CLoad = 50pF, unless otherwise noted.
VDD (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
-40oC
25oC
125oC
Figure 6-5. Supply Current vs Supply Voltage for
TLV841S
VSENSE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
-40oC
25oC
125oC
Figure 6-6. SENSE Current vs VSENSE
(°C) Temperature
-50
-10
30
70
110
150
-2
-1.2
-0.4
0.4
1.2
2
VIT- = 0.505 V
Figure 6-7. VIT- Accuracy vs Temperature
Figure 6-8. SENSE Glitch Immunity (VIT-) vs
Overdrive
(°C) Temperature
-50
-10
30
70
110
150
12
14
16
18
20
22
VIT- = 0.505 V
Figure 6-9. SENSE Delay (tD_HL) vs Temperature
Figure 6-10. VOL vs IOL
www.ti.com
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com