Electronic Components Datasheet Search
  English  ▼

X  

TLV841 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV841
Description  TLV841 Small Size Nano-Power Voltage Supervisor in WCSP Package
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV841 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV841 Datasheet HTML 4Page - Texas Instruments TLV841 Datasheet HTML 5Page - Texas Instruments TLV841 Datasheet HTML 6Page - Texas Instruments TLV841 Datasheet HTML 7Page - Texas Instruments TLV841 Datasheet HTML 8Page - Texas Instruments TLV841 Datasheet HTML 9Page - Texas Instruments TLV841 Datasheet HTML 10Page - Texas Instruments TLV841 Datasheet HTML 11Page - Texas Instruments TLV841 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6.5 Electrical Characteristics
At VDDMIN ≤ VDD ≤ 5.5V, CT = MR = Open, RESET/RESET pull-up resistor Rpull-up (3) = 100kΩ to VDD, output reset load
CLOAD = 10pF and over the operating free-air temperature range –40℃ to 125℃, unless otherwise noted. Typical values are
at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
COMMON PARAMETERS
VADJ-VIT–
Negative-going input threshold for
TLV841Sxxx01 ADJ version
0.505
V
VIT–
Negative-going input threshold range
Fixed threshold version (1)
0.8
4.9
V
VIT–_ACC Negative-going input threshold accuracy
VIT– = 0.505V (TLV841Sxx01) or 0.8V to 1.7V
(Fixed threshold)
-2.5
±0.5
2.5
%
VIT– = 1.8V to 4.9V (Fixed threshold)
-2
±0.5
2
VHYS
Hysteresis on VIT– pin
VIT– = 0.505V and 0.8V
3
5
8
%
VIT– = 0.9V to 4.9V
3
5
7
VPOR
Power on reset voltage (2)
TLV841xxxLxx
VOL(MAX) = 300mV
I RESET(Sink) = 15µA
700
mV
TLV841xxxHxx
VOH(MIN) = 0.8VDD
IRESET(Source) = 15µA
900
VOL
Low level output voltage
VDD = 0.85V
I RESET(Sink) = 15µA
IRESET(Sink) = 15µA
300
mV
VDD = 3.3V
I RESET(Sink) = 2mA
IRESET(Sink) = 2mA
300
mV
VDD = 5.5V
I RESET(Sink) = 2mA
IRESET(Sink) = 2mA
300
mV
VOH
High level output voltage
VDD = 1V
I RESET(Source) = 15µA
IRESET(Source) = 15µA
0.8VDD
V
VDD = 1.8V
I RESET(Source) = 500µA
IRESET(Source) = 500µA
0.8VDD
V
VDD ≥ 3.3V
I RESET(Source) = 2 mA
IRESET(Source) = 2mA
0.8VDD
V
Ilkg(OD)
Open-Drain output leakage current
VDD = VPULLUP = 5.5V
TA = –40℃ to 85℃
10
100
nA
10
350
IDD
Supply current into
VDD pin
Supply current
into VDD pin
VDD = 5.5V
VIT– = 1.9V to 4.9V
0.125
1
µA
TLV841
SLVSFO5E – APRIL 2020 – REVISED FEBRUARY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TLV841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com