Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 2Page - Monolithic Power Systems MP26101 Datasheet HTML 3Page - Monolithic Power Systems MP26101 Datasheet HTML 4Page - Monolithic Power Systems MP26101 Datasheet HTML 5Page - Monolithic Power Systems MP26101 Datasheet HTML 6Page - Monolithic Power Systems MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.01
www.MonolithicPower.com
6
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=19V, C1=4.7μF, C2=22μF, L=4.7μH, RS1=100mΩ, Real Battery Load, TA=25°C, unless
otherwise noted.
0
0.5
1
1.5
2
2.5
1-Cell Battery Charge Curve
2-Cell Battery Charge Curve
TIMES(MIN)
TIMES(MIN)
BATTERY VOLTAGE(V)
BATTERY VOLTAGE(V)
VBATT
IBATT
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
2
2.5
0
BATT Float Voltage vs. VIN
VIN (V)
VIN (V)
VIN (V)
ICHG(A)
ICHG(A)
Efficiency vs. ICHG
2-Cell, VBATT=8.2V, CC Load
Efficiency vs. VIN
2-Cell, VBATT=7.4V, CC Load
Efficiency vs. ICHG
1-Cell, VBATT=4.1V, CC Load
NTC Control Window
0
0.5
1
1.5
2
2.5
3
812
16
20
24
28
12
34
5
7.2
7.4
7.6
7.8
8
8.4
8.2
7.0
0
50
100
150
200
024
6
8
10
1-cell Charge Current
vs. Battery Voltage
2-cell Charge Current
vs. Battery Voltage
Low Temp Off
High Temp Off
High Temp On
Low Temp On
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2
VIN=12V
VIN=19V
VIN=24V
VIN=12V
VIN=24V
VIN=19V
0
1.0
2.0
3.0
4.0
5.0
510
15
20
25
80
83
86
89
92
95
510
15
20
25
1Cell Battery
VIN=19V
VIN=24V
VIN=12V
VIN=19 V
VIN=24V
VIN=12V
3.75
3.8
3.85
3.9
3.95
4
4.05
4.1
4.15
010
20
30
40
50
60
0
0.5
1
1.5
2
2.5
VBATT
IBATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com