Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP26101 Datasheet HTML 1Page - Monolithic Power Systems MP26101 Datasheet HTML 2Page - Monolithic Power Systems MP26101 Datasheet HTML 3Page - Monolithic Power Systems MP26101 Datasheet HTML 4Page - Monolithic Power Systems MP26101 Datasheet HTML 5Page - Monolithic Power Systems MP26101 Datasheet HTML 6Page - Monolithic Power Systems MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP26101
2A, 24V Input, 1.1MHz, 1- or 2- Cell
4.1V/Cell Switching Li-Ion Battery Charger
MP26101 Rev. 1.01
www.MonolithicPower.com
1
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP26101 is a monolithic switching charger
for 1- or 2-cell Li-Ion battery packs. It has a
built-in internal power MOSFET, and can output
up to 2A of charge current with current mode
control for fast loop response and easy
compensation. The charge current can be
programmed
through
an
accurate
sense
resistor.
MP26101 regulates the charge current and
charge voltage using two control loops to
realize high-accuracy for both constant-current
charge and constant-voltage charge.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown. Other
safety features include battery temperature
monitoring, a charge status indicator, and a
programmable timer to halt the charging cycle.
The MP26101 requires a minimal number of
readily-available external components.
The MP26101 is available in 4mm×4mm 16-pin
QFN package.
FEATURES
 Charges 1- or 2-cell Li-Ion battery packs
 4.1V/Cell Charge Full Voltage
 3.9V/Cell Auto-recharge Threshold
 Wide 5V to 24V Operating Input Range
 Up to 2A Programmable Charging Current
 ±0.75% VBATT Accuracy
 0.2Ω Internal Power MOSFET
 Up to 90% Efficiency
 Fixed 1.1MHz Frequency
 Preconditioning for Fully-Depleted Batteries
 Charging Status Indicator
 Input Supply and Battery Fault Indicator
 Thermal Shutdown
 Cycle-by-Cycle Over-Current Protection
 Battery Temperature Monitor and Protection
APPLICATIONS
 Distributed Power Systems
 Chargers for 1-Cell or 2-Cell Li-Ion Batteries
 Smartphones
 Portable DVD Player
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP26101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26101NR MPS-MP26101NR Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
More results

Similar Description - MP26101

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2610 MPS-MP2610 Datasheet
457Kb / 16P
2A, 24V Input, 1.1MHz 1/2 - Cell Switching Li-Ion Battery Charger
MP2618 MPS-MP2618 Datasheet
616Kb / 19P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
MP26123 MPS-MP26123 Datasheet
764Kb / 16P
2A,24V Input, 600kHz 2/3-Cell Switching Li-ion Battery Charger
logo
ACE Technology Co., LTD...
ACE4702 ACE-ACE4702 Datasheet
353Kb / 15P
2 Cell Li-ion Battery Charger IC
VER 1.1
logo
Richtek Technology Corp...
RT9468 RICHTEK-RT9468 Datasheet
521Kb / 57P
Single Cell Li-Ion Switching Battery Charger
logo
Monolithic Power System...
MP2615 MPS-MP2615 Datasheet
1Mb / 21P
2A, 1- or 2- Cell Li-ion Battery Charger In 3mm x 3mm Package
MP2619 MPS-MP2619 Datasheet
502Kb / 20P
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
MP26124 MPS-MP26124 Datasheet
565Kb / 18P
24V Input, 2A, 600kHz, 4S Cell Switching Li-Ion Battery Charger
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com