Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 3Page - Monolithic Power Systems MP26101 Datasheet HTML 4Page - Monolithic Power Systems MP26101 Datasheet HTML 5Page - Monolithic Power Systems MP26101 Datasheet HTML 6Page - Monolithic Power Systems MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems MP26101 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.01
www.MonolithicPower.com
7
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=19V, C1=4.7μF, C2=22μF, L=4.7μH, RS1=100mΩ, Real Battery Load, TA=25°C, unless
otherwise noted.
Power On Waveform
VIN
10V/div
VBATT
2V/div
VSW
10V/div
IBATT
200mA/div
VIN
10V/div
VBATT
2V/div
VSW
10V/div
IBATT
2A/div
VIN
10V/div
VBATT
2V/div
VSW
10V/div
IBATT
500mA/div
VBATT
2V/div
VSW
10V/div
VIN
10V/div
IBATT
2A/div
VBATT
2V/div
VBATT
2V/div
VSW
10V/div
VIN
10V/div
VEN
5V/div
IBATT
1A/div
VSW
10V/div
IBATT
1A/div
VBATT
2V/div
VEN
5V/div
VSW
10V/div
IBATT
1A/div
VBATT
2V/div
VNTC
2V/div
VSW
10V/div
IBATT
2A/div
2us/div
40ms/div
2s/div
1ms/div
1ms/div
4ms/div
1ms/div
Steady State Waveform
Steady State Waveform
Steady State Waveform
1us/div
Trickle Change
1-Cell, VBATT=2.5V, CV Load
1-Cell, ICHG=2A,VBATT=4V
Power Off Waveform
1-Cell, ICHG=2A,VBATT=4V
EN On Waveform
1-Cell, ICHG=2A,VBATT=4V
EN Off Waveform
1-Cell, ICHG=2A,VBATT=4V
NTC Control
1-Cell, VBATT=3.8V, CV Load
Time Out
1-Cell, VBATT=3.8V, CV Load, CTMR=1nF
CC Change
1-Cell, VBATT=3.8V, CV Load
CV Change
1-Cell, VBATT=4.1V, CV Load
1us/div
VBATT
2V/div
VIN
10V/div
VTMR
500mV/div
IBATT
2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com