Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems MP26101 Datasheet HTML 11Page - Monolithic Power Systems MP26101 Datasheet HTML 12Page - Monolithic Power Systems MP26101 Datasheet HTML 13Page - Monolithic Power Systems MP26101 Datasheet HTML 14Page - Monolithic Power Systems MP26101 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.01
www.MonolithicPower.com
11
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
POR
Charge Mode?
VBATT>VBATT_TC
VBATT>VBATT_FULL
ICHG<IBF
Battery Full?
RCHG
Set up
Charging
Set up?
Charge On,
ACOK&
CHGOK low
Charger “Off”,
ACOK is low,
CHGOK is high
C.V.C
C.C.C
T.C.C
VBATT
<VBATT_RECHG?
No
Normal Operation
CELLS Voltage?
VBATT_TC = 2.87V
VBATT_FULL=4.1V
VBATT_RECHG=3.9V
VBATT_TC = 5.74V
VBATT_FULL=8.2V
VBATT_RECHG=7.8V
No
VUVLO<VIN&
VIN>VBATT+0.3V?
No
Yes
Yes
CELLS= VREF33
CELLS= 0V
VBATT>VBATT_FULL
VBATT<VBATT_TC
VBATT_TC<VBATT<VBATT_FULL
Yes
No
Yes
No
No
Yes
Yes
Figure 3— Normal Charging Operation Flow Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com