Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 6Page - Monolithic Power Systems MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems MP26101 Datasheet HTML 11Page - Monolithic Power Systems MP26101 Datasheet HTML 12Page - Monolithic Power Systems MP26101 Datasheet HTML 13Page - Monolithic Power Systems MP26101 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.01
www.MonolithicPower.com
10
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Negative Thermal Coefficient (NTC)
Thermistor
The MP26101 has a built-in NTC resistance
window comparator that allows MP26101 to
measure the temperature through a thermistor in
the battery pack that ensures that the battery
operates
under
recommended
conditions.
Connect an appropriate resistor from VREF33 to
the NTC pin, and connect the thermistor from the
NTC pin to GND. The voltage on the NTC pin is
determined by the temperature-sensitive resistor
divider. When the NTC voltage falls out of NTC
window range, MP26101 will stop the charging.
The charger will restart if the temperature goes
back into NTC window range.
Figure 2—Li-Ion Battery Charge Profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com