Electronic Components Datasheet Search
  English  ▼

X  

MP26101 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP26101
Description  2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP26101 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP26101 Datasheet HTML 5Page - Monolithic Power Systems MP26101 Datasheet HTML 6Page - Monolithic Power Systems MP26101 Datasheet HTML 7Page - Monolithic Power Systems MP26101 Datasheet HTML 8Page - Monolithic Power Systems MP26101 Datasheet HTML 9Page - Monolithic Power Systems MP26101 Datasheet HTML 10Page - Monolithic Power Systems MP26101 Datasheet HTML 11Page - Monolithic Power Systems MP26101 Datasheet HTML 12Page - Monolithic Power Systems MP26101 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP26101 – 2A, 24V INPUT, 1.1MHz 1- OR 2- CELL SWITCHING LI-ION BATTERY CHARGER
MP26101 Rev. 1.01
www.MonolithicPower.com
9
8/4/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
OPERATION
The MP26101 is a peak-current–mode controlled
switching charger for 1- or 2-cell Li-Ion batteries.
Figure 1 shows the block diagram. At the
beginning of a cycle, M1 is off. The COMP voltage
is higher than the output of the current sense
amplifier (A1) and the PWM comparator’s output
is low. The rising edge of the 1.1MHz CLK signal
sets the RS flip-flop. Its output turns on M1 to
connect the SW pin and inductor to the input
supply.
A1 senses and amplifies the inductor current: The
PWM comparator then compares the sum of this
signal and the ramp compensator signal against
the COMP signal. When the sum of the A1 output
and the ramp compensator exceeds the COMP
voltage, the RS flip-flop reset and turns M1 off.
The external switching diode (D2) then conducts
the inductor current. If the sum of the A1 output
and the ramp compensator does not exceed the
COMP voltage, then the falling edge of the CLK
resets the flip-flop.
The MP26101 has two linear regulators, VREF33
and VREF25, that power the internal circuit. The
3.3V reference can power external circuitry as
long as the current does not exceed 50mA. Add a
1μF bypass capacitor from VREF33 to GND to
ensure stability. By comparison, the 2.5V
reference regulator can not carry any significant
load,.
For most applications, leave VREF25 floating
without a bypass capacitor. Otherwise, connect a
capacitor with a value less than 100pF.
Charge Cycle (Mode Change: Trickle 
Constant Current  Constant Voltage)
The MP26101 senses battery current through the
amplified voltage drop across RS1 (Figure 1). The
charging starts in trickle-charge mode (10% of the
RS1-programmed current ICC) until the battery
voltage reaches 2.87V/cell. If the charge stays in
trickle-charging mode until the trickle-charge time
limit, the device shuts down. Otherwise, the
MP26101 operates in constant-current (CC) mode
and regulates the output current to a level set by
RS1. The COMPI voltage (regulated by the
amplifier GMI) determines the switching duty
cycle .
When the battery voltage reaches the constant
voltage (CV) mode threshold, the amplifier GMV
regulates the COMPV pin and the duty cycle.
Automatic Recharge
The charger will cease charging and the CHGOK
pin becomes an open drain output if the battery
charging current drops below the termination
threshold for more than one minute. If the battery
voltage
drops
to
3.9V/Cell,
the
MP26101
automatically begins recharging the battery.
Charger Status Indication
MP26101 has two open-drain status outputs,
CHGOK
and
ACOK . The ACOK pin pulls low
when an input voltage is 300mV over the battery
voltage and over the under voltage lockout
threshold. CHGOK indicates the status of the
charge cycle. Table 1 describes the status of the
charge cycle based on the CHGOK and
ACOK
outputs.
Table 1―Charging Status Indication
ACOK
CHGOK
Charger status
low
low
In charging
low
high
End of charge
high
high
Vin < UVLO, thermal
shutdown, timer out,
EN
disable
Timer Operation
MP26101 uses an internal timer to terminate
charging. An external capacitor programs timer
duration at the TMR pin.
The trickle mode charge time is:
TMR
TICKLE _ TMR
C
t30min s
0.1 F

The total charge time is:
TMR
TOTAL _ TMR
C
t
3hours
0.1 F




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com