Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5601 Datasheet HTML 1Page - Texas Instruments TAS5601 Datasheet HTML 2Page - Texas Instruments TAS5601 Datasheet HTML 3Page - Texas Instruments TAS5601 Datasheet HTML 4Page - Texas Instruments TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
TAS5601
SLAS585 – FEBRUARY 2008
TA = 25°C, VCC = 24 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured with respect
| VOS |
50% duty cycle PWM at PWM_xx inputs
26
80
mV
to VCC/2 for SE and output-to-output for BTL)
VBYPASS
VCC/8 reference for analog section
No load
VCC/8
V
IIH
High-level input current
PWM_xx, RESET, SE/BTL, VI = DVDD, DVDD = 5 V
5
µA
IIL
Low-level input current
PWM_xx, RESET, SE/BTL, VI = 0, DVDD = 5 V
5
µA
IDVDD
DVDD supply current
RESET = 2.0 V, DVDD = 3.3 V, No load
11
22
µA
ICC
Quiescent supply current
RESET = 2.0 V No load, PVCC = 18 V
19
35
60
mA
ICC(RESET) Quiescent supply current in reset mode
RESET = 0.8 V, No load, PVCC = 18 V
64
216
µA
High side
360
RDS(on)
Drain-source on-state resistance
VCC = 24 V, Io = 500 mA, TJ = 25°C
Low side
330
m
Ω
Total
690
Turn-on time (SE mode), voltage on BYPASS pin
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 2V
500
reaches final value of PVCC/8
TON
ms
Turn-on time (BTL mode) , voltage on BYPASS pin
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 0.8 V
30
reaches final value of PVCC/8
TOFF
Turn-off time (SE mode), voltage on BYPASS pin
C(BYPASS) = 1 µF, RESET = 0.8 V, SE/BTL = 2 V
500
reaches final value of PVCC/8
ms
Turn-off time (BTL mode) , voltage on BYPASS pin
C(BYPASS) = 1
µF, RESET= 0.8 V, SE/BTL = 0.8 V
1
reaches final value of PVCC/8
TA = 25°C, VCC = 12 V, RL = 8 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Class-D output offset voltage (measured with
| VOS |
respect to VCC/2 for SE and output-to-output
50% duty cycle PWM at PWM_xx inputs
26
80
mV
for BTL)
VBYPASS
VCC/8 reference for analog section
No load
VCC/8
V
IDVDD
DVDD supply current
RESET = 2.0 V, DVDD = 3.3 V, No load
11
22
µA
ICC
Quiescent supply current
RESET = 2.0 V, No load
14
28
51
mA
ICC(RESET)
Quiescent supply current in reset mode
RESET = 0.8 V, No load
64
216
µA
High side
360
RDS(on)
Drain-source on-state resistance
VCC = 12 V, Io = 500 mA, TJ = 25°C
Low side
330
m
Ω
Total
690
Turn-on time (SE mode), voltage on BYPASS
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 2V
500
pin reaches final value of PVCC/8
TON
ms
Turn-on time (BTL mode), voltage on BYPASS
C(BYPASS) = 1µF, RESET = 2 V, SE/BTL = 0.8 V
30
pin reaches final value of PVCC/8
TOFF
Turn-off time (SE mode), voltage on BYPASS
C(BYPASS) = 1 µF, RESET = 0.8 V, SE/BTL = 2 V
500
pin reaches final value of PVCC/8
ms
Turn-off time (BTL mode), voltage on BYPASS
C(BYPASS) = 1
µF, RESET= 0.8 V, SE/BTL = 0.8 V
1
pin reaches final value of PVCC/8
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com