Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 2 Page - Texas Instruments

  TAS5601 Datasheet HTML 1Page - Texas Instruments TAS5601 Datasheet HTML 2Page - Texas Instruments TAS5601 Datasheet HTML 3Page - Texas Instruments TAS5601 Datasheet HTML 4Page - Texas Instruments TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
PINOUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PGNDA
PGNDA
PVCCA
NC
DVDD
DGND
PWM_AP
PWM_AN
PWM_BP
PWM_BN
PWM_CP
PWM_CN
PWM_DP
PWM_DN
RESET
FAULT
THERM_WARN
SE/BTL
NC
PVCCD
PGNDD
OUTA
PGNDB
OUTB
PVCCB
PVCCB
BSB
VCLAMP_AB
BSA
NC
AVCC
AGND
BYPASS
BSD
VCLAMP_CD
BSC
PVCCC
OUTC
OUTC
PGNDC
OUTD
OUTD
DCA PACKAGE
(TOP VIEW)
PGNDA
PVCCA
PVCCA
PVCCD
PVCCD
PGNDD
PGNDD
OUTA
PGNDB
PGNDB
OUTB
PVCCC
PGNDC
PGNDC
TAS5601
SLAS585 – FEBRUARY 2008
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NAME
40
BSD
I/O
Bootstrap I/O for channel D high-side FET
39
VCLAMP_CD
–
Internally generated voltage supply for channel C and D bootstrap. Not to be used as a supply or
connected to any component other than the decoupling capacitor.
38
BSC
I/O
Bootstrap I/O for channel C high-side FET
43
AVCC
–
Analog power supply
42
AGND
Analog ground
8
DVDD
I
Digital supply (3V–4.2V). Supply for PWM input signal conditioning, FAULT and RST I/O buffers
9
DGND
I
Ground reference input for PWM and digital inputs
10
PWM_AP
I
Positive audio signal PWM input for channel A (Must be the compliment of PWM_AN)
11
PWM_AN
–
Negative audio signal PWM input for channel A (Must be compliant of PWM_AP)
12
PWM_BP
I
Positive audio signal PWM input for channel B (Must be the compliment of PWM_BN)
13
PWM_BN
–
Negative audio signal PWM input for channel B (Must be compliant at PWM_BR)
14
PWM_CP
I
Positive audio signal PWM input for channel C (Must be the compliment of PWM_CN)
15
PWM_CN
–
Negative audio signal PWM input for channel C (Must be the compliment of PWM_CN)
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com