Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5601 Datasheet HTML 1Page - Texas Instruments TAS5601 Datasheet HTML 2Page - Texas Instruments TAS5601 Datasheet HTML 3Page - Texas Instruments TAS5601 Datasheet HTML 4Page - Texas Instruments TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
TAS5601
SLAS585 – FEBRUARY 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NO.
NAME
16
PWM_DP
I
Positive audio signal PWM input for channel D (Must be the compliment of PWM_DN)
17
PWM_DN
–
Negative audio signal PWM input for channel D (Must be the compliment of PWM_DN)
18
RESET
I
Enable/Disable pin
RESET = High, normal operation
RESET = Low, held in reset mode
19
FAULT
O
Short circuit fault
FAULT = High, normal operation
FAULT = Low, short circuit at output detected. FAULT will latch if short circuit detected and will be
reset if the RESET pin is pulled low or the VCC power supplies are turned off. Thermal fault will
not be reported by the FAULT pin.
20
SE/BTL
I
Single-ended or Bridge-tied output select terminal. If any output is configured as a single-ended
load, this pin should be connected to DVDD. For 2-channel, BTL operation, connect to GND.
21
THERM_WARN
O
Thermal warning output flag.
THERM_WARN = HIGH, normal operation.
THERM_WARN = LOW, die temperature has reached 125 deg. C. Automatically resets when
temperature falls back to normal range. TTL compatible push-pull output.
41
BYPASS
O
VCC/8 reference for analog cells
47
BSB
I/O
Bootstrap I/O for channel B high-side FET
46
VCLAMP_AB
–
Internally generated voltage supply for channel A and B bootstrap. Not to be used as a supply or
connected to any component other than the decoupling capacitor.
45
BSA
I/O
Bootstrap I/O for channel A high-side FET
4–6
PVCCA
–
Positive power supply for channel A output
55, 56
OUTA
O
Channel A 1/2 H-bridge output
1–3
PGNDA
–
Power ground reference for channel A output
48, 49
PVCCB
–
Positive power supply for channel B output
52–54
PGNDB
–
Power ground reference for channel B output
50, 51
OUTB
O
Channel B 1/2 H-bridge output
34, 35
OUTC
O
Channel C 1/2 H-bridge output
31–33
PGNDC
–
Power ground reference for channel C output
36, 37
PVCCC
–
Positive power supply for channel C output
26–28
PGNDD
–
Power ground reference for channel D output
29, 30
OUTD
O
Channel D 1/2 H-bridge output
23–25
PVCCD
–
Positive power supply for channel D output
7, 22,
NC
–
No internal connection.
44
–
Thermal Pad
Connect to PGNDx
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com