Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5601 Datasheet HTML 1Page - Texas Instruments TAS5601 Datasheet HTML 2Page - Texas Instruments TAS5601 Datasheet HTML 3Page - Texas Instruments TAS5601 Datasheet HTML 4Page - Texas Instruments TAS5601 Datasheet HTML 5Page - Texas Instruments TAS5601 Datasheet HTML 6Page - Texas Instruments TAS5601 Datasheet HTML 7Page - Texas Instruments TAS5601 Datasheet HTML 8Page - Texas Instruments TAS5601 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
PWM_AP
PWM_AN
DVDD
AGND
OUTA
OUTB
OUTC
OUTD
RESET
FAULT
TAS5602
DigitalPWMProcessor
Control
Inputs
IS
2
OUTA_P
OUTA_N
OUTC_P
OUTC_N
VALID
ERROR
PWM_CP
PWM_CN
LC
Filter
LC
Filter
BSA
BSB
DVDD
PVCC
AVCC
GPIO
PGND
BYPASS
BSC
BSD
DGND
DGND
VCLAMP_AB
VCLAMP_CD
3-4.2V
10-26V
PWM_BP
PWM_BN
OUTB_P
OUTB_N
OUTD_P
OUTD_N
PWM_DP
PWM_DN
THERM_WARN
SE/BLT
TAS5601
SLAS585 – FEBRUARY 2008
www.ti.com
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
• Integrated Self-Protection Circuits Including
Overvoltage, Undervoltage, Overtemperature,
2
• Supports Multiple Output Configurations
and Short Circuit With Error Reporting
–
2
×20-W into a 8-Ω BTL Load at 18 V
–
4
×10-W into a 4-Ω SE Load at 18 V
–
2
×10W (SE) + 1×20W (BTL) at 18 V
• Flat-Panel, Rear-Projection, and CRT TV
• Thermally Enhanced Package
–
DCA (56-pin HTTSOP)
• Wide Voltage Range: 10V–26V
The TAS5601 is a 20-W (per channel) efficient,
stereo digital amplifier power stage for driving 4
–
No Separate Supply Required for Gate
single-ended speakers, 2 bridge-tied speakers, or
Drive
combination of single and bridge-tied loads. The
• Efficient Class-D Operation Eliminates Need
TAS5601 can drive a speaker with an impedance as
for Heat Sinks
low as 4
Ω. The high efficiency, >90% into 8-Ω loads,
• Closed Loop Power Stage Architecture
of the TAS5601 eliminates the need for an external
heat sink.
–
Improved PSRR Reduces Power Supply
Performance Requirements
A simple interface to a digital audio PWM processor
is shown below. The TAS5601 is fully protected
–
High Damping Factor Provides for Tighter,
against faults with short-circuit protection and thermal
More Accurate Sound With Improved Bass
protection as well as overvoltage and undervoltage
Response
protection. Faults are reported back to the processor
–
Constant Output Power Over Variation in
to prevent devices from being damaged during
Supply Voltage
overload conditions.
• Differential Inputs
SIMPLIFIED APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
System Two, Audio Precision are trademarks of Audio Precision, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5601 TI-TAS5601 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601DCA TI-TAS5601DCA Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601DCAR TI-TAS5601DCAR Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602 Datasheet
1Mb / 29P
20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5602 TI-TAS5602_1 Datasheet
842Kb / 27P
20W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com