Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 10Page - Texas Instruments TAS5601 Datasheet HTML 11Page - Texas Instruments TAS5601 Datasheet HTML 12Page - Texas Instruments TAS5601 Datasheet HTML 13Page - Texas Instruments TAS5601 Datasheet HTML 14Page - Texas Instruments TAS5601 Datasheet HTML 15Page - Texas Instruments TAS5601 Datasheet HTML 16Page - Texas Instruments TAS5601 Datasheet HTML 17Page - Texas Instruments TAS5601 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
www.ti.com
Protection Mechanisms in the TAS5601
Single-Ended Output Capacitor, CO
Output Filter and Frequency Response
OUTA
L
filter
C
filter
OUTA
L
filter
C
filter
L
filter
OUTB
C
filter
Power-Supply Decoupling, CS
TAS5601
SLAS585 – FEBRUARY 2008
• SCP (short-circuit protection, OCP) protects against shorts across the load, to GND, and to PVCC.
• OTP turns off the device if T
die (typical) > 150°C.
• UVP turns off the device if PVCC (typical) < 8.4 V
• OVP turns off the device if PVCC (typical) > 27.5 V
In single-ended (SE) applications, the dc blocking capacitor forms a high-pass filter with the speaker impedance.
The frequency response rolls of with decreasing frequency at a rate of 20 dB/decade. The cutoff frequency is
determined by
fc = 1/2πCOZL
Table 1 shows some common component values and the associated cutoff frequencies:
Table 1. Common Filter Responses
CSE – DC Blocking Capacitor (µF)
Speaker Impedance (
Ω)
fc = 60 Hz (–3 dB)
fc = 40 Hz (–3 dB)
fc = 20 Hz (–3 dB)
4
680
1000
2200
8
330
470
1000
For the best frequency response, a flat-passband output filter (second-order Butterworth) may be used. The
output filter components consist of the series inductor and capacitor to ground at the output pins. There are
several possible configurations, depending on the speaker impedance and whether the output configuration is
single-ended (SE) or bridge-tied load (BTL). Table 2 lists the recommended values for the filter components. It is
important to use a high-quality capacitor in this application. A rating of at least X7R is required.
Table 2. Recommended Filter Output Components
Output Configuration
Speaker Impedance (
Ω)
Filter Inductor (
µH)
Filter Capacitor (nF)
4
22
680
Single Ended (SE)
8
47
390
4
10
1500
Bridge Tied Load (BTL)
8
22
680
Figure 17. BTL Filter Configuration
Figure 18. SE Filter Configuration
The TAS5601 is a high-performance CMOS audio amplifier that requires adequate power-supply decoupling to
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com