Electronic Components Datasheet Search
  English  ▼

X  

TAS5601 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5601
Description  20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5601 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5601 Datasheet HTML 12Page - Texas Instruments TAS5601 Datasheet HTML 13Page - Texas Instruments TAS5601 Datasheet HTML 14Page - Texas Instruments TAS5601 Datasheet HTML 15Page - Texas Instruments TAS5601 Datasheet HTML 16Page - Texas Instruments TAS5601 Datasheet HTML 17Page - Texas Instruments TAS5601 Datasheet HTML 18Page - Texas Instruments TAS5601 Datasheet HTML 19Page - Texas Instruments TAS5601 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
www.ti.com
SHORT-CIRCUIT PROTECTION
THERMAL PROTECTION
PRINTED-CIRCUIT BOARD (PCB) LAYOUT
BASIC MEASUREMENT SYSTEM
TAS5601
SLAS585 – FEBRUARY 2008
The TAS5601 has short-circuit protection circuitry on the outputs that prevents damage to the device during
output-to-output shorts and output-to-GND shorts after the filter and output capacitor (at the speaker terminal.)
Directly at the device terminals, the protection circuitry prevents damage to device during output-to-output,
output-to-ground, and output-to-supply. When a short circuit is detected on the outputs, the part immediately
disables the output drive. This is latched fault and is cleared by cycling the RESET pin. Normal operation is
restored when the fault is removed.
The FAULT will transition low when a short is detected. The FAULT pin will be cleared after RESET is cycled.
Thermal protection on the TAS5601 prevents damage to the device when the internal die temperature exceeds
150
°C. There is a ±15°C tolerance on this trip point from device to device. Once the die temperature exceeds the
thermal set point, the device enters into the shutdown state and the outputs are disabled. This is not a latched
fault. The thermal fault is cleared once the temperature of the die is reduced by 20
°C. The device begins normal
operation at this point with no external system interaction.
Thermal protection fault is NOT reported on the FAULT terminal.
A THERM_WARN terminal can be used to monitor when the internal device temperature reaches 125
°C. The
terminal will transition low at this point and transition back high after the device cools approximately 20
°C. It is
not necessary to cycle RESET to clear this warning flag.
Because the TAS5601 is a class-D amplifier that switches at a high frequency, the layout of the printed-circuit
board (PCB) should be optimized according to the following guidelines for the best possible performance.
• Decoupling capacitors—The high-frequency 0.1-µF decoupling capacitors should be placed as close to the
PVCC and AVCC terminals as possible. The BYPASS capacitor and VCLAMP_XX capacitors should also be
placed as close to the device as possible. Large (220-
µF or greater) bulk power-supply decoupling capacitors
should be placed near the TAS5601 on the PVCCx terminals. For single-ended operation, a 220
µF capacitor
should be placed on each PVCC pin. For Bridge-tied operation, a single 220
µF, capacitor can be shared
between A and B or C and D.
• Grounding—The AVCC decoupling capacitor and BYPASS capacitor should each be grounded to analog
ground (AGND). The PVCCx decoupling capacitors and VCLAMP_xx capacitors should each be grounded to
power ground (PGND). Analog ground and power ground should be connected at the thermal pad, which
should be used as a central ground connection or star ground for the TAS5601.
• Output filter—The reconstruction LC filter should be placed as close to the output terminals as possible for the
best EMI performance. The capacitors should be grounded to power ground.
• Thermal pad—The thermal pad must be soldered to the PCB for proper thermal performance and optimal
reliability. The dimensions of the thermal pad and thermal land are described in the mechanical section at the
back of the data sheet. See TI Technical Briefs SLMA002 and SLOA120 for more information about using the
thermal pad. For recommended PCB footprints, see figures at the end of this data sheet.
For an example layout, see the TAS5601 Evaluation Module (TAS5601EVM) User Manual, (SLOU189). Both the
EVM user manual and the thermal pad application note are available on the TI Web site at http://www.ti.com.
This section focuses on methods that use the basic equipment listed below:
• Audio analyzer or spectrum analyzer
• Digital multimeter (DMM)
• Oscilloscope
• Twisted-pair wires
• Signal generator
• Power resistor(s)
• Linear regulated power supply
• Filter components
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5601



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com