Electronic Components Datasheet Search
  English  ▼

X  

DAC39RF10 Datasheet(PDF) 229 Page - Texas Instruments

Part # DAC39RF10
Description  DAC39RFx10-SP DAC39RFx10-SEP 10.4 or 20.8GSPS, 16-bit, Dual and Single Channel, Multi-Nyquist Digital-to-Analog Converter (DAC) with JESD204C Interface
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RF10 Datasheet(HTML) 229 Page - Texas Instruments

Back Button DAC39RF10 Datasheet HTML 224Page - Texas Instruments DAC39RF10 Datasheet HTML 225Page - Texas Instruments DAC39RF10 Datasheet HTML 226Page - Texas Instruments DAC39RF10 Datasheet HTML 227Page - Texas Instruments DAC39RF10 Datasheet HTML 228Page - Texas Instruments DAC39RF10 Datasheet HTML 229Page - Texas Instruments DAC39RF10 Datasheet HTML 230Page - Texas Instruments DAC39RF10 Datasheet HTML 231Page - Texas Instruments DAC39RF10 Datasheet HTML 232Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 229 / 232 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.78
2.34
0.529 TYP
(0.360 MIN.)
15
TYP
15 TYP
1 TYP
1 TYP
256X
0.7
0.6
PIN 1 ID
(OPTIONAL)
(
16.6)
B
17.2
16.8
A
17.2
16.8
(1) TYP
(1) TYP
(
13.6)
(
11.6)
FCBGA - 2.78 mm max height
ACL0256A
BALL GRID ARRAY
4229409/A 02/2023
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.2 C
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1 2 3
0.25
C A B
0.1
C
SYMM
SYMM
4 5 6 7 8 9 10
11
12
13
14
15
16
SCALE 0.900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com