Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 4 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 4 Page - Microchip Technology

  AN560 Datasheet HTML 1Page - Microchip Technology AN560 Datasheet HTML 2Page - Microchip Technology AN560 Datasheet HTML 3Page - Microchip Technology AN560 Datasheet HTML 4Page - Microchip Technology AN560 Datasheet HTML 5Page - Microchip Technology AN560 Datasheet HTML 6Page - Microchip Technology AN560 Datasheet HTML 7Page - Microchip Technology AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS00560D-page 4
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0125
;
0126
;*************************************************************
0127
;
BITOUT routine
0128
;
This routine takes one bit of data in ‘do’ and
0129
;
transmits it to the serial EE device
0130
;*************************************************************
0131
BITOUT
0132
0020
07CA
btfss
eeprom,do
; check state of data bit
0133
0021
0A24
goto
bitlow
; low, goto bitlow
0134
0022
05C6
bsf
port_b,datin
; high, set datain high
0135
0023
0A25
goto
clkout
; and clock it
0136
;
0137
0024
04C6
bitlow
bcf
port_b,datin
; output a logic low
0138
0025
05A6
clkout
bsf
port_b,sclk
; set clock line high
0139
0026
0000
nop
0140
0027
04A6
bcf
port_b,sclk
; return clock line low
0141
0028
0800
retlw
0
0142
;
0143
;****************************************************************
0144
;
Transmit Data Subroutine
0145
;
This routine takes the byte of data stored in the
0146
;
‘datao’ register and transmits it to the serial EE device.
0147
;****************************************************************
0148
TX
0149
0029
0212
movf
bits,w
; set the number of bits to xmit
0150
002A
0031
movwf
count
0151
;
0152
TXLP
0153
002B
04CA
bcf
eeprom,do
; assume bit 7 is low
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:10 1994
Page 4
Line
PC
Opcode
0154
002C
06F0
btfsc
txbuf,7
; is bit 7 clear?
0155
002D
05CA
bsf
eeprom,do
; no, set data bit =1
0156
002E
0920
call
BITOUT
; transmit 1 bit to serial EE
0157
002F
0370
rlf
txbuf
; rotate txbuf left
0158
0030
02F1
decfsz
count
; all bits done?
0159
0031
0A2B
goto
TXLP
; no, do another bit
0160
0032
0800
retlw
0
; yes, jump out
0161
;
0162
;****************************************************************
0163
;
POWER-UP ROUTINE
0164
;
This is the program entry point, which in this case simply
0165
;
sets the port_a I/O lines and directs control to the
0166
;
read routine.
0167
;*****************************************************************
0168
PWRUP
0169
;
0170
0033
0C00
movlw
b’00000000'
0171
0034
0005
tris
port_a
; set port_a as all output
0172
0035
0065
clrf
port_a
; all lines low
0173
0174
0036
0C80
movlw
b’10000000'
0175
0037
0006
tris
port_b
; set RB7 as input, rest output;
0176
;
0177
;
Fall through and do the read
0178
;
0179
;*********************************************************************
0180
;
READ ROUTINE
0181
;
This routine reads 8 consecutive addresses in
0182
;
random mode starting at address 0.
This is done in
0183
;
x16 mode and will repeat forever.
0184
;*********************************************************************
0185
READ
0186
;
0187
0038
0C00
movlw
.0
; set starting address to 00
0188
0039
002C
movwf
addr
;
8-102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com