Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN560 Datasheet HTML 2Page - Microchip Technology AN560 Datasheet HTML 3Page - Microchip Technology AN560 Datasheet HTML 4Page - Microchip Technology AN560 Datasheet HTML 5Page - Microchip Technology AN560 Datasheet HTML 6Page - Microchip Technology AN560 Datasheet HTML 7Page - Microchip Technology AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology AN560 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
DS00560D-page 6
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 1
Line
PC
Opcode
0001
LIST P=16C54,c=132
0002
;****************************************************************
0003
;
3-Wire Byte Write Program (106 bytes)
0004
;
0005
;
This program demonstrates how to interface a
0006
;
Microchip PIC16C54 to a 93LC56 or 93LC66 Serial EE
0007
;
device. This program will execute the erase/write enable
0008
;
command, write to 8 consecutive addresses, and then
0009
;
execute the erase/write disable command.
This
0010
;
sequence will repeat forever.
0011
;
0012
;
After each byte is written, time must be given to the
0013
;
device for it to complete the write cycle before
0014
;
the next command can be sent.
The easiest solution
0015
;
is to consult the data book for the maximum write
0016
;
cycle time and just wait that long before the next
0017
;
command is sent.
This program demonstrates that
0018
;
solution.
0019
;
0020
;
Another, more efficient method of determining when the
0021
;
write cycle is complete is called ‘data polling.’
This
0022
;
method is demonstrated in the program “3wdpoll.”
0023
;
0024
;
This program communicates to the serial EE in the
0025
;
x16 mode, and ASSUMES THE USER HAS SET THE ORG PIN
0026
;
ON THE DEVICE TO Vcc.
0027
;
0028
;
Timing is based on using the PIC16C54 in ‘XT’ mode
0029
;
using a 4Mhz crystal.
Clock speeds to the serial EE
0030
;
will be approximately 40 kHz for this setup.
0031
;
0032
;
PIC16C54 to Serial EE Connections:
0033
;
0034
;
PIC16C54
Serial EE
0035
;
——————
——————
0036
;
Pin 10 (RB4) —> Chip Select
0037
;
Pin 11 (RB5) —> Clock
0038
;
Pin 12 (RB6) —> Data In
0039
;
Pin 13 (RB7) —> Data Out
0040
;
ORG=Vcc
0041
;
0042
;************************************************************
0043
;
Register Assignments
0044
;************************************************************
0045
0005
port_a
equ
5h
; port 5 (port_a)
0046
0006
port_b
equ
6h
; port 6 (port b) comm lines to serial EE
0047
000A
eeprom
equ
0ah
; bit buffer
0048
000C
addr
equ
0ch
; address register
0049
000D
datai
equ
0dh
; stored data input reg.
0050
000E
datao
equ
0eh
; stored data output reg.
0051
0010
txbuf
equ
10h
; transmit buffer
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 2
Line
PC
Opcode
0052
0011
count
equ
11h
; bits transmitted so far
0053
0012
bits
equ
12h
; bits to transmit
0054
0013
bytcnt
equ
13h
; byte counter for write routine
0055
0015
loops
equ
15h
; delay loop counter
0056
0016
loops2
equ
16h
; delay loop counter
;
0057
;************************************************************
0058
;
Bit Assignments
0059
;************************************************************
0060
0007
di
equ
7
; eeprom input
8-104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com