Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 5 Page - Microchip Technology

  AN560 Datasheet HTML 1Page - Microchip Technology AN560 Datasheet HTML 2Page - Microchip Technology AN560 Datasheet HTML 3Page - Microchip Technology AN560 Datasheet HTML 4Page - Microchip Technology AN560 Datasheet HTML 5Page - Microchip Technology AN560 Datasheet HTML 6Page - Microchip Technology AN560 Datasheet HTML 7Page - Microchip Technology AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 5
Using the 93LC56 and 93LC66
8
0189
003A
0C08
movlw
.8
; set number of addresses to
0190
003B
0033
movwf
bytcnt
; read as 8
0191
;
0192
003C
0901
rbyte
call
BSTART
; generate the start bit
0193
003D
0C02
movlw
.2
; set # bits to 2
0194
003E
0032
movwf
bits
;
0195
003F
0C80
movlw
b’10000000'
; get opcode (10b)
0196
0040
0030
movwf
txbuf
; into output buffer
0197
0041
0929
call
TX
; and transmit it
0198
0042
0C08
movlw
.8
;
0199
0043
0032
movwf
bits
; set number of bits to 8
0200
0044
020C
movf
addr,w
; get the address
0201
0045
0030
movwf
txbuf
; into the output buffer
0202
0046
0929
call
TX
; and transmit it
0203
0204
0047
0914
call
RX
; read the high byte
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:10 1994
Page 5
Line
PC
Opcode
0205
0048
020D
movf
datai,w
; move input data to w
0206
0049
0037
movwf
hbyte
; xfer it to high byte
0207
0208
004A
0914
call
RX
; read the low byte
0209
004B
020D
movf
datai,w
; move input data to w
0210
004C
0037
movwf
hbyte
; xfer it to low byte
0211
0212
004D
0486
bcf
port_b,chpsel
; clear the chip select line
0213
0214
004E
02AC
incf
addr
; add 1 to the address
0215
004F
02F3
decfsz
bytcnt
; have all bytes been read?
0216
0050
0A3C
goto
rbyte
; no, read another byte
0217
0051
0A38
goto
READ
; yes, start over
0218
0000
END
8-103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com