Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 1 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 1 Page - Microchip Technology

  AN560 Datasheet HTML 1Page - Microchip Technology AN560 Datasheet HTML 2Page - Microchip Technology AN560 Datasheet HTML 3Page - Microchip Technology AN560 Datasheet HTML 4Page - Microchip Technology AN560 Datasheet HTML 5Page - Microchip Technology AN560 Datasheet HTML 6Page - Microchip Technology AN560 Datasheet HTML 7Page - Microchip Technology AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 1
Using the 93LC56 and 93LC66
8
AN560
Using the 93LC56 and 93LC66
INTRODUCTION
The Microchip Technology Inc. 93LC56/66 are low-
power 3-wire non-volatile memories and are suitable for
many embedded system code and data storage applica-
tions. These devices are easily interfaced to most micro-
controllers in today's market place, but Microchip’s 8-bit
RISC series PIC16CXX offers the best code density of
any microcontroller on the market today. Using the
PIC16C54, the assembly programs contained in this
application note have been fully tested and provide the
correct timing and 3-wire sequences to fully operate the
93LC56/66 in a PIC16CXX-based embedded applica-
tion. The PIC16C54 was clocked at a 10MHz frequency.
This application note is intended to provide the engineer
with readily available stand-alone code modules to
accomplish all of the necessary functions to utilize these
devices in a low power application using the efficient
PIC16C54 microcontroller.
The 93 series of devices have essentially four I/O pins:
CS
Chip Select
CLK
Clock
DI
Data In
DO
Data Out
This series of devices use a series of commands to
accomplish the normal memory functions. These are
READ, WRITE, EWEN, ERASE, ERAL, WRAL, EWDS.
For a more detailed discussion of the function of these
devices reference the appropriate data sheet and AN536,
also published by Microchip Technology.
The following programs are included in this application
note and are fully functional stand-alone modules. They
are intended for use by those who are not already
familiar with interfacing a PIC16CXX microcontroller to
a 93 series device. For those with more experience,
please refer to application note AN530.
3-Wire Byte Read Program
– Start Bit Routine
– Receive Data Routine
– Bit Out Routine
– Transmit Data Routine
– Power-up Routine
– Read Routine
3-Wire Byte Write Program
– Delay Routine
– Start Bit Routine
– Bit Out Routine
– Transmit Data Routine
– Power-up Routine
– Erase/Write Enable Routine (EWEN)
– Byte Write Routine
– Erase/Write Disable Routine (EWDS)
3-Wire Byte Write with Data Polling Program
– Data Polling Delay Routine
– Start Bit Routine
– Bit Out Routine
– Transmit Data Routine
– Power-up Routine
– Erase/Write Enable Routine
– Write Routine
– Erase/Write Disable Routine (EWDS)
3-Wire Sequential Read Program
– Delay Routine
– Start Bit Routine
– Bit In Routine
– Receive Data Routine
– Bit Out Routine
– Transmit Data Routine
– Power-up Routine
– Read Routine
Author:
Bruce Negley
Memory Products Division
8-99


Similar Part No. - AN560

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5601 PANASONIC-AN5601 Datasheet
314Kb / 10P
COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5601K PANASONIC-AN5601K Datasheet
314Kb / 10P
COLOR SIGNAL, VIDEO SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING IC FOR PAL/NTSC TV
AN5607NKP PANASONIC-AN5607NKP Datasheet
934Kb / 14P
Video Signal Processor IC for PAL/NTSC Color-TV
More results

Similar Description - AN560

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
Non-volatile Program and Data Memories
ATXMEGA32A4 ATMEL-ATXMEGA32A4_14 Datasheet
3Mb / 108P
Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
Non-volatile Program and Data Memories
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
Non volatile Program and Data Memories
AT90USB1287 ATMEL-AT90USB1287_14 Datasheet
11Mb / 456P
Non-volatile program and data memories
ATMEGA16U2 ATMEL-ATMEGA16U2_14 Datasheet
4Mb / 310P
Non-volatile Program and Data Memories
ATMEGA32U2 ATMEL-ATMEGA32U2_14 Datasheet
4Mb / 310P
Non-volatile Program and Data Memories
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
5Mb / 210P
Non-volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com