Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 10 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AN560 Datasheet HTML 6Page - Microchip Technology AN560 Datasheet HTML 7Page - Microchip Technology AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology AN560 Datasheet HTML 10Page - Microchip Technology AN560 Datasheet HTML 11Page - Microchip Technology AN560 Datasheet HTML 12Page - Microchip Technology AN560 Datasheet HTML 13Page - Microchip Technology AN560 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
DS00560D-page 10
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0253
;
written to.
0254
;
0255
;****************************************************************
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 6
Line
PC
Opcode
0256
EWDS
0257
;
0258
005D
090E
call
BSTART
; generate a start bit
0259
;
0260
005E
0C02
movlw
.2
; set # bits to 2
0261
005F
0032
movwf
bits
;
0262
0060
0C00
movlw
b’00000000'
; get the opcode (00b)
0263
0061
0030
movwf
txbuf
; into the output buffer
0264
0062
0925
call
TX
; and transmit it
0265
0063
0C08
movlw
.8
; set # bits to 8
0266
0064
0032
movwf
bits
;
0267
0065
0C00
movlw
b’00000000'
; get opcode and address
0268
;
(00XXXXXX)
0269
0066
0030
movwf
txbuf
; into output buffer
0270
0067
0925
call
TX
; and transmit it
0271
0068
0486
bcf
port_b,chpsel
; set chip select line low
0272
0069
0000
nop
0273
006A
0A34
goto
EWEN
; start all over
0274
;
0275
0000
END
8-108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com