Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 12 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AN560 Datasheet HTML 8Page - Microchip Technology AN560 Datasheet HTML 9Page - Microchip Technology AN560 Datasheet HTML 10Page - Microchip Technology AN560 Datasheet HTML 11Page - Microchip Technology AN560 Datasheet HTML 12Page - Microchip Technology AN560 Datasheet HTML 13Page - Microchip Technology AN560 Datasheet HTML 14Page - Microchip Technology AN560 Datasheet HTML 15Page - Microchip Technology AN560 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
DS00560D-page 12
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0061
000A
eeprom
equ
0ah
; bit buffer
0062
000C
addr
equ
0ch
; address register
0063
000D
datai
equ
0dh
; stored data input reg.
0064
000E
datao
equ
0eh
; stored data output reg.
0065
0010
txbuf
equ
10h
; transmit buffer
0066
0011
count
equ
11h
; bits transmitted so far
0067
0012
bits
equ
12h
; bits to transmit
0068
0013
bytcnt
equ
13h
; byte counter for write routine
0069
0015
loops
equ
15h
; delay loop counter
0070
0016
loops2
equ
16h
; delay loop counter
0071
;************************************************************
0072
;
Bit Assignments
0073
;************************************************************
0074
0007
di
equ
7
; eeprom input
0075
0006
do
equ
6
; eeprom output
0076
0007
datout
equ
7
; data out line (port_b)
0077
0006
datin
equ
6
; data in line (port_b)
0078
0005
sclk
equ
5
; clock line (port_b)
0079
0004
chpsel
equ
4
; chip select line (port_b)
0080
0001
timeout equ
1
; write cycle timeout warning (port_a)
0081
;
0082
;*************************************************************
0083
0000
org
01ffh
0084
01FF
0A26
begin
goto
PWRUP
; set the reset vector
0085
0000
org
000h
0086
0000
0A26
goto
PWRUP
0087
;
0088
;*************************************************************
0089
;
DATA POLL DELAY ROUTINE
0090
;
This routine delays 100 us is
0091
;
used for delay between polls
0092
;*************************************************************
0093
dpdelay
0094
;
0095
0001
0C19
movlw
.25
; timing adjustment variable
0096
0002
0036
movwf
loops2
0097
0003
0000
top
nop
0098
0004
02F6
decfsz
loops2
; loops complete?
0099
0005
0A03
goto
top
; no, go again
0100
;
0101
0006
0800
retlw
0
; yes, return from sub
0102
;
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:00 1994
Page 3
Line
PC
Opcode
0103
;**************************************************************
0104
;
Start Bit Subroutine
0105
;
this routine generates a start bit
0106
;
(Chip select and DI high when clock goes high)
0107
;**************************************************************;
0108
BSTART
0109
0007
04C6
bcf
port_b,datin
; set datain and chipselect lines
0110
0008
0486
bcf
port_b,chpsel
; low just to check operation
0111
0009
04A6
bcf
port_b,sclk
; make sure clock starts low too.
0112
000A
0000
nop
0113
;
0114
000B
0586
bsf
port_b,chpsel
; set chip select line high
0115
000C
05C6
bsf
port_b,datin
; set data in line high
0116
000D
0000
nop
0117
000E
05A6
bsf
port_b,sclk
; set the clock line high to
0118
; generate the start bit
0119
000F
0000
nop
0120
0010
0000
nop
0121
0011
04A6
bcf
port_b,sclk
; set clock low again
0122
0012
0800
retlw
0
0123
;
0124
;*************************************************************
8-110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com