Electronic Components Datasheet Search
  English  ▼

X  

AN560 Datasheet(PDF) 17 Page - Microchip Technology

Part # AN560
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN560 Datasheet(HTML) 17 Page - Microchip Technology

Back Button AN560 Datasheet HTML 13Page - Microchip Technology AN560 Datasheet HTML 14Page - Microchip Technology AN560 Datasheet HTML 15Page - Microchip Technology AN560 Datasheet HTML 16Page - Microchip Technology AN560 Datasheet HTML 17Page - Microchip Technology AN560 Datasheet HTML 18Page - Microchip Technology AN560 Datasheet HTML 19Page - Microchip Technology AN560 Datasheet HTML 20Page - Microchip Technology AN560 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 17
Using the 93LC56 and 93LC66
8
0061
0004
chpsel
equ
4
; chip select line (port_b)
0062
;
0063
;*************************************************************
0064
0000
org
01ffh
0065
01FF
0A40
begin
goto
PWRUP
; set the reset vector
0066
0000
org
000h
0067
0000
0A40
goto
PWRUP
0068
;
0069
;*************************************************************
0070
;
DELAY ROUTINE
0071
;
This routine takes the value in ‘loops’
0072
;
and multiplies it times 1 millisecond to
0073
;
determine delay time.
0074
;*************************************************************
0075
WAIT
0076
;
0077
0001
0C6E
top
movlw
.110
; timing adjustment variable
0078
0002
0036
movwf
loops2
0079
0003
0000
top2
nop
; sit and wait
0080
0004
0000
nop
0081
0005
0000
nop
0082
0006
0000
nop
0083
0007
0000
nop
0084
0008
0000
nop
0085
0009
02F6
decfsz
loops2
; inner loops complete?
0086
000A
0A03
goto
top2
; no, go again
0087
;
0088
000B
02F5
decfsz
loops
; outer loops complete?
0089
000C
0A01
goto
top
; no, go again
0090
000D
0800
retlw
0
; yes, return from sub
0091
;
0092
;**************************************************************
0093
;
Start Bit Subroutine
0094
;
this routine generates a start bit
0095
;
(Chip select and DI high when clock goes high)
0096
;**************************************************************
0097
BSTART
0098
000E
04C6
bcf
port_b,datin
; set datain and chipselect lines
0099
000F
0486
bcf
port_b,chpsel
; low just to check operation
0100
0010
04A6
bcf
port_b,sclk
; make sure clock starts low too.
0101
0011
0000
nop
0102
;
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:20 1994
Page 3
Line
PC
Opcode
0103
0012
0586
bsf
port_b,chpsel
; set chip select line high
0104
0013
05C6
bsf
port_b,datin
; set data in line high
0105
0014
0000
nop
0106
0015
05A6
bsf
port_b,sclk
; set the clock line high to
0107
; generate the start bit
0108
0016
0000
nop
0109
0017
0000
nop
0110
0018
04A6
bcf
port_b,sclk
; set clock low again
0111
0019
0800
retlw
0
0112
;
0113
;**************************************************************
0114
;
BITIN routine reads one bit of data from the
0115
;
serial EE device and stores it in ‘di’
0116
;**************************************************************
0117
BITIN
0118
001A
05EA
bsf
eeprom,di
; assume input bit is high
0119
001B
05A6
bsf
port_b,sclk
; set clock line high
0120
001C
0000
nop
;
0121
001D
07E6
btfss
port_b,datout
; read the data bit
0122
001E
04EA
bcf
eeprom,di
; input bit was low
0123
001F
04A6
bcf
port_b,sclk
; set clock line low
0124
;
8-115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com