Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 13Page - Texas Instruments TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments TPS73601DBVT Datasheet HTML 17Page - Texas Instruments TPS73601DBVT Datasheet HTML 18Page - Texas Instruments TPS73601DBVT Datasheet HTML 19Page - Texas Instruments TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Servo
Error
Amp
Ref
Current
Limit
Thermal
Protection
Bandgap
OUT
FB
R
1
R
2
EN
GND
IN
80kW
8kW
27kW
4MHz
Charge Pump
VO
1.2V
1.5V
1.8V
2.5V
2.8V
3.0V
3.3V
R1
Short
23.2kW
28.0kW
39.2kW
44.2kW
46.4kW
52.3kW
R2
Open
95.3kW
56.2kW
36.5kW
33.2kW
30.9kW
30.1kW
NOTE: VOUT = (R1 + R2)/R2 × 1.204;
R1||R 2 @ 19kW for best
accuracy.
Standard 1%
Resistor Values for
Common Output Voltages
Figure 6-2. Adjustable-Voltage Version
6.3 Feature Description
6.3.1 Output Noise
A precision band-gap reference is used to generate the internal reference voltage, VREF. This reference is
the dominant noise source within the TPS736 and generates approximately 32μVRMS (10Hz to 100kHz) at
the reference output (NR). The regulator control loop gains up the reference noise with the same gain as the
reference voltage, so that the noise voltage of the regulator is approximately given by:
V
N
+ 32mVRMS
(R
1
) R2)
R
2
+ 32mVRMS
V
OUT
V
REF
(1)
Since the value of VREF is 1.2V, this relationship reduces to:
V
N(mVRMS)
+ 27
mVRMS
V
V
OUT(V)
(2)
for the case of no CNR.
An internal 27kΩ resistor in series with the noise-reduction pin (NR) forms a low-pass filter for the voltage
reference when an external noise-reduction capacitor, CNR, is connected from NR to ground. For CNR = 10nF,
the total noise in the 10Hz to 100kHz bandwidth is reduced by a factor of approximately 3.2, giving the
approximate relationship:
V
N(mVRMS)
+ 8.5
mVRMS
V
V
OUT(V)
(3)
for CNR = 10nF.
This noise reduction effect is shown as RMS Noise Voltage vs CNR in the Typical Characteristics section.
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com