Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 7Page - Texas Instruments TPS73601DBVT Datasheet HTML 8Page - Texas Instruments TPS73601DBVT Datasheet HTML 9Page - Texas Instruments TPS73601DBVT Datasheet HTML 10Page - Texas Instruments TPS73601DBVT Datasheet HTML 11Page - Texas Instruments TPS73601DBVT Datasheet HTML 12Page - Texas Instruments TPS73601DBVT Datasheet HTML 13Page - Texas Instruments TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
5.7 Typical Characteristics (continued)
For all voltage versions, at TJ = 25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF, unless otherwise
noted.
40
35
30
25
20
15
10
5
0
0.2
V
V
(V)
–
IN
OUT
Frequency = 10kHz
C
= 10 µF
OUT
V
= 2.5V
I
= 100mA
OUT
OUT
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Legacy silicon
Figure 5-25. PSRR (Ripple Rejection) vs VIN – VOUT
New silicon
Figure 5-26. PSRR (Ripple Rejection) vs VIN – VOUT
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
C
OUT = 1 µF
C
OUT = 0 µF
C
OUT = 10 µF
I
OUT = 150mA
Legacy silicon
Figure 5-27. Noise Spectral Density CNR = 0μF
New silicon
Figure 5-28. Noise Spectral Density CNR = 0μF
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
I
OUT = 150mA
C
OUT = 1 µF
C
OUT = 0 µF
C
OUT = 10 µF
Legacy silicon
Figure 5-29. Noise Spectral Density CNR = 0.01μF
New silicon
Figure 5-30. Noise Spectral Density CNR = 0.01μF
www.ti.com
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com