Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 18 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 14Page - Texas Instruments TPS73601DBVT Datasheet HTML 15Page - Texas Instruments TPS73601DBVT Datasheet HTML 16Page - Texas Instruments TPS73601DBVT Datasheet HTML 17Page - Texas Instruments TPS73601DBVT Datasheet HTML 18Page - Texas Instruments TPS73601DBVT Datasheet HTML 19Page - Texas Instruments TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments TPS73601DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
The TPS73601 adjustable version does not have the NR pin available. However, connecting a feedback
capacitor, CFB, from the output to the feedback pin (FB) reduces output noise and improves load transient
performance.
The TPS736 uses an internal charge pump to develop an internal supply voltage sufficient to drive the gate of
the NMOS pass transistor above VOUT. The charge pump generates approximately 250μV of switching noise
at approximately 4MHz; however, charge-pump noise contribution is negligible at the output of the regulator for
most values of IOUT and COUT.
6.3.2 Internal Current Limit
The TPS736 internal current limit helps protect the regulator during fault conditions. Foldback current limit helps
to protect the regulator from damage during output short-circuit conditions by reducing current limit when VOUT
drops below 0.5V. See Figure 5-17 in the Typical Characteristics section.
Note from Figure 5-17 that approximately –0.2V of VOUT results in a current limit of 0mA. Therefore, if OUT
is forced below –0.2V before EN goes high, the device can not start up. In applications that work with both a
positive and negative voltage supply, the TPS736 must be enabled first.
6.3.3 Enable Pin and Shutdown
The enable pin (EN) is active high and is compatible with standard TTL-CMOS levels. VEN below 0.5V (max)
turns the regulator off and drops the GND pin current to approximately 10nA. When EN is used to shutdown the
regulator, all charge is removed from the pass transistor gate. A VEN above 1.7V (minimum) turns the regulator
on and the output ramps back up to a regulated VOUT (see Figure 5-40).
When shutdown capability is not required, connect EN to VIN. However, the pass transistor cannot be discharged
using this configuration, and the pass transistor can be left on (enhanced) for a significant time after VIN has
been removed. This scenario can result in reverse current flow (if the IN pin is low impedance) and faster ramp
times upon power-up. In addition, for VIN ramp times slower than a few milliseconds, the output can overshoot
upon power-up.
Current limit foldback can prevent device start-up under some conditions. See the Internal Current Limit section
for more information.
6.3.4 Reverse Current
The NMOS pass transistor of the TPS736 provides inherent protection against current flow from the output of
the regulator to the input when the gate of the pass transistor is pulled low. To ensure that all charge is removed
from the gate of the pass transistor, the EN pin must be driven low before the input voltage is removed. If this is
not done, the pass transistor can be left on due to stored charge on the gate.
After the EN pin is driven low, no bias voltage is needed on any pin for reverse current blocking. Reverse current
is specified as the current flowing out of the IN pin due to voltage applied on the OUT pin. There is additional
current flowing into the OUT pin due to the 80kΩ internal resistor divider to ground (see Figure 6-1 and Figure
6-2).
For the TPS73601, reverse current can flow when VFB is more than 1.0V above VIN.
6.4 Device Functional Modes
6.4.1 Normal Operation With 1.7V ≤ VIN ≤ 5.5V and VEN ≥ 1.7V
The TPS736 requires an input voltage of at least 1.7V to function properly and attempt to maintain regulation.
If the device output voltage is greater than 1.5V when the input voltage is at 1.7V, the device is operating
in dropout and regulation cannot be maintained. Because of the NMOS architecture used in the TPS736, the
dropout voltage is not a strong function of the input voltage.
When operating the device near 5.5V, take care to suppress any transient spikes that can exceed the 6.0V
absolute maximum voltage rating. The device must never operate at a dc voltage greater than 5.5V.
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com