Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 22 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 18Page - Texas Instruments TPS73601DBVT Datasheet HTML 19Page - Texas Instruments TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments TPS73601DBVT Datasheet HTML 22Page - Texas Instruments TPS73601DBVT Datasheet HTML 23Page - Texas Instruments TPS73601DBVT Datasheet HTML 24Page - Texas Instruments TPS73601DBVT Datasheet HTML 25Page - Texas Instruments TPS73601DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
7.2.2.2 Dropout Voltage
The TPS736 uses an NMOS pass transistor to achieve extremely low dropout. When (VIN – VOUT) is less than
the dropout voltage (VDO), the NMOS pass transistor is in the linear region of operation and the input-to-output
resistance is the RDS(on) of the NMOS pass transistor.
For large step changes in load current, the TPS736 requires a larger voltage drop from VIN to VOUT to avoid
degraded transient response. The boundary of this transient dropout region is approximately twice the dc
dropout. Values of VIN – VOUT above this line provide normal transient response.
Operating in the transient dropout region can cause an increase in recovery time. The time required to recover
from a load transient is a function of the magnitude of the change in load current rate, the rate of change in
load current, and the available headroom (VIN to VOUT voltage drop). Under worst-case conditions [full-scale
instantaneous load change with (VIN – VOUT) close to dc dropout levels], the TPS736 can take a couple of
hundred microseconds to return to the specified regulation accuracy.
7.2.2.3 Transient Response
The low open-loop output impedance provided by the NMOS pass transient in a voltage follower configuration
allows operation without an output capacitor for many applications. As with any regulator, the addition of a
capacitor (nominal value 1μF) from the OUT pin to ground reduces undershoot magnitude but increases the
duration. In the adjustable version, the addition of a capacitor, CFB, from the OUT pin to the FB pin also improves
the transient response.
The TPS736 does not have active pull-down when the output is over-voltage. This feature allows applications
that connect higher voltage sources, such as alternate power supplies, to the output. This feature also results
in an output overshoot of several percent if load current quickly drops to zero when a capacitor is connected to
the output. The duration of overshoot can be reduced by adding a load resistor. The overshoot decays at a rate
determined by output capacitor COUT and the internal/external load resistance. The rate of decay is given by:
OUT
OUT
LOAD
V
dV / dt
C
80 k
R
=
´
W P
Fixed voltage version
(4)
(
)
OUT
OUT
1
2
LOAD
V
dV / dt
C
80 k
R
R
R
=
´
W
+
P
P
Adjustable voltage version
(5)
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com