Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments TPS73601DBVT Datasheet HTML 22Page - Texas Instruments TPS73601DBVT Datasheet HTML 23Page - Texas Instruments TPS73601DBVT Datasheet HTML 24Page - Texas Instruments TPS73601DBVT Datasheet HTML 25Page - Texas Instruments TPS73601DBVT Datasheet HTML 26Page - Texas Instruments TPS73601DBVT Datasheet HTML 27Page - Texas Instruments TPS73601DBVT Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
7.2.3 Application Curves (continued)
25 µs/div
200mV/div
200mV/div
V
OUT
V
OUT
I
OUT
400mA
10mA
C
OUT = 0 µF
C
FB = 10 nF
R1 = 39.2 kΩ
C
OUT = 10 µF
Legacy silicon
Figure 7-9. TPS73601 Load Transient, Adjustable Version
New silicon
Figure 7-10. TPS73601 Load Transient, Adjustable Version
7.3 Power Supply Recommendations
This device is designed to operate with an input supply range of 1.7V to 5.5V. If the input supply is noisy,
additional input capacitors with low ESR help improve output noise performance.
7.4 Layout
7.4.1 Layout Guidelines
To improve ac performance such as PSRR, output noise, and transient response, design the board with ground
plane connections for VIN and VOUT capacitors, and the ground plane connected at the GND pin of the device. In
addition, the ground connection for the bypass capacitor must connect directly to the GND pin of the device.
7.4.1.1 Power Dissipation
The ability to remove heat from the die is different for each package type, presenting different considerations
in the PCB layout. The PCB area around the device that is free of other components moves the heat from
the device to the ambient air. Performance data for JEDEC low- and high-K boards are shown in the Thermal
Information table. Using heavier copper increases the effectiveness in removing heat from the device. The
addition of plated through-holes to heat-dissipating layers also improves the heat-sink effectiveness.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product
of the output current times the voltage drop across the output pass transistor (VIN to VOUT):
P
D
+ (VIN * VOUT)
I
OUT
(6)
Power dissipation can be minimized by using the lowest possible input voltage necessary to provide the required
output voltage.
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com