Electronic Components Datasheet Search
  English  ▼

X  

TPS73601DBVT Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS73601DBVT
Description  TPS736 Capacitor-Free, NMOS, 400mA, Low-Dropout Regulator With Reverse Current Protection
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS73601DBVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS73601DBVT Datasheet HTML 16Page - Texas Instruments TPS73601DBVT Datasheet HTML 17Page - Texas Instruments TPS73601DBVT Datasheet HTML 18Page - Texas Instruments TPS73601DBVT Datasheet HTML 19Page - Texas Instruments TPS73601DBVT Datasheet HTML 20Page - Texas Instruments TPS73601DBVT Datasheet HTML 21Page - Texas Instruments TPS73601DBVT Datasheet HTML 22Page - Texas Instruments TPS73601DBVT Datasheet HTML 23Page - Texas Instruments TPS73601DBVT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
7.2.1 Design Requirements
For this design example, use the parameters listed below as the input parameters.
Table 7-1. Design Parameters (Fixed-Voltage Version)
PARAMETER
DESIGN REQUIREMENT
Input voltage
5V, ±3%
Output voltage
3.3V, ±1%
Output current
400mA (maximum), 20mA (minimum)
RMS noise, 10Hz to 100kHz
< 30μVRMS
Ambient temperature
55°C (maximum)
Table 7-2. Design Parameters (Adjustable-Voltage Version)
PARAMETER
DESIGN REQUIREMENT
Input voltage
5V, ±3%, provided by the dc/dc converter switching at 1MHz
Output voltage
2.5V, ±1%
Output current
0.4A (maximum), 10mA (minimum)
RMS noise, 10Hz to 100kHz
< 35μVRMS
Ambient temperature
55°C (maximum)
7.2.2 Detailed Design Procedure
The first step when designing with a linear regulator is to examine the maximum load current along with the input
and output voltage requirements to determine if the device thermal and dropout voltage requirements can be
met. At 0.4A, the dropout voltage of the TPS73633 is a maximum of 200mV over temperature; thus, the dropout
headroom is sufficient for operation over both input and output voltage accuracy.
The maximum power dissipated in the linear regulator is the maximum voltage dropped across the pass
transistor from the input to the output times the maximum load current. In this example, the maximum voltage
drop across in the pass transistor is 5V + 3% (5.15V) minus 3.3V – 1% (3.267V) or 1.883V. The power
dissipated in the pass transistor is calculated by taking this voltage drop multiplied by the maximum load current.
For this example, the maximum power dissipated in the linear regulator is 942mW. Once the power dissipated
in the linear regulator is known, the corresponding junction temperature rise can be calculated. To calculate the
junction temperature rise above ambient, the power dissipated must be multiplied by the junction-to-ambient
thermal resistance. For thermal resistance information see the Thermal Protection section. For this example,
using the DRB package, the maximum junction temperature rise is calculated to be 45°C. The maximum junction
temperature rise is calculated by adding junction temperature rise to the maximum ambient temperature. In this
example, the maximum junction temperature is 100°C. Keep in mind the maximum junction temperate must be
below 125°C for reliable operation. Addition ground planes, added thermal vias, and air flow all help to lower the
maximum junction temperature. Using the DCQ or DBV packages are not recommended for this application due
to the excessive junction temperature rise that is incurred.
To get the noise level below 30µVRMS, a noise reduction capacitance (CNR) of 10nF is selected along with an
output capacitance of 10μF. Referencing the Output Noise section, the RMS noise can be calculated to be
28µVRMS.
Use of an input capacitor is optional. However, in systems where the input supply is located several inches away
from the LDO, a small 0.1µF input capacitor is recommended to negate the adverse effects that input supply
inductance has on stability and ac performance.
In the same way as with designing with a fixed output voltage, the first step is to examine the maximum load
current along with the input and output voltage requirements to determine if the device thermal and dropout
voltage requirements are met. At 0.4A, the maximum dropout voltage is 200mV. Since the input voltage is 5V
and the output voltage is 2.5V, there is more than sufficient voltage headroom to avoid dropout and maintain
good PSRR.
TPS736
SBVS038X – SEPTEMBER 2003 – REVISED MAY 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS736



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com