Electronic Components Datasheet Search
  English  ▼

X  

MIC2131 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2131 Datasheet HTML 2Page - Micrel Semiconductor MIC2131 Datasheet HTML 3Page - Micrel Semiconductor MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor MIC2131 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
6
M9999-042108-C
Typical Characteristics
3.4
5.4
3.6
3.8
4.0
4.2
4.8
5.0
5.2
Supply Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
4.4
4.6
24V
8V
12V
40V
42V
1.10
1.12
1.14
1.16
1.18
1.20
1.22
Enable Voltage On
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
Enable Voltage Off
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
0
100
200
300
400
500
600
700
800
Shutdown Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
24V
8V
12V
40V
42V
185
190
195
200
205
210
CS Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
24V
8V
12V
40V
42V
0.692
0.694
0.696
0.698
0.700
0.702
VFB
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
24V
8V
12V
40V
42V
4.82
4.84
4.86
4.88
4.90
4.92
4.94
4.96
4.98
AVDD
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
24V
8V
12V
40V
42V
0
0.05
0.10
0.15
0.20
0.25
0.30
PGOOD Low @ IPG = 1mA
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
0.605
0.606
0.607
0.608
0.609
0.610
0.611
0.612
PGOOD Threshold
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
80
82
84
86
88
90
92
94
96
98
Efficiency VOUT = 3.3V
@ +25°C
4 567
OUTPUT CURRENT (A)
30V
20V
24V
12V
10V
8V
40V
110
115
120
125
130
135
140
145
150
155
160
165
170
Dithered (Spread) Frequency
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
125
130
135
140
145
150
155
Switch Frequency
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VCOMP>2.1V
VCOMP=1.5V
VCOMP=2.1V
VCOMP=1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com