Electronic Components Datasheet Search
  English  ▼

X  

MIC2131 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2131 Datasheet HTML 1Page - Micrel Semiconductor MIC2131 Datasheet HTML 2Page - Micrel Semiconductor MIC2131 Datasheet HTML 3Page - Micrel Semiconductor MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC2130/1
High Voltage Synchronous Buck
Control IC with Low EMI Option
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2008
M9999-042108-C
General Description
The MIC2130/1 is a high voltage input PWM synchronous
buck controller IC. It is a voltage mode controller with a
fast hysteretic control loop (FHyCL) employed during fast
line and load transients. The internal gate drivers are
designed to drive high current MOSFETs.
The MIC2130/1 can produce output voltages down to 0.7V
with input voltage from 8V to 40V. The MIC2130 family of
control ICs implements fixed frequency PWM control. The
active anti-shoot through drive scheme means a wide
range of external MOSFETs may be used while
maintaining optimum efficiency.
The MIC2131 is the fully functional version of the family
and implements a new feature to minimize EMI. This
function is critical for systems that need to be compliant
with EMI standards throughout the world.
The MIC2130/1 is available in small size 16-pin 4mm x
4mm MLF
® package, as well as 16-pin e-TSSOP at a
junction temperature range of –40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 8V to 40V input voltage range
• Adjustable output voltages down to 0.7V
• LOW EMI option MIC2131
• Fixed 150kHz and 400kHz frequency options
• Excellent line and load regulation due to fast hysteretic
control loop during transients
• Adaptive gate drive allows efficiencies over 95%
• Programmable current limit with no sense resistor
• Senses low-side MOSFET current
• Internal drivers allow 15A output current
• Power Good output allow simple sequencing
• Programmable soft-start pin
• 100% increase in current limit (MIC2131)
• Output over-voltage protection
• Programmable Input UVLO
• 16-pin e-TSSOP and 16-pin 4mm x 4mm MLF®
• Junction temperature range of –40°C to +125°C
Applications
• Industrial/Medical DC/DC point of use power
• Printer head drivers
• Automotive Systems
• Telecom systems
• LCD/ Plasma TV
• Gaming Machines
Typical Application
MIC2130/1 High Input Voltage Converter
80
82
84
86
88
90
92
94
96
98
Efficiency VOUT = 3.3V
@ +25°C
45 6 7
OUTPUT CURRENT (A)
30V
20V
24V
12V
10V
8V
40V


Similar Part No. - MIC2131

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2132 MICROCHIP-MIC2132 Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML MICROCHIP-MIC2132YML Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML-TR MICROCHIP-MIC2132YML-TR Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2132YML-TRVAO MICROCHIP-MIC2132YML-TRVAO Datasheet
2Mb / 48P
75V Dual Phase, Advanced COT Buck Controller, Stackable for Multiphase Operation
Revision B July 2022
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results

Similar Description - MIC2131

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2183 MICREL-MIC2183 Datasheet
98Kb / 12P
Low Voltage Synchronous Buck PWM Control IC Final Information
MIC2168A MICREL-MIC2168A Datasheet
821Kb / 14P
1MHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A Datasheet
1Mb / 17P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B Datasheet
554Kb / 24P
500kHz PWM Synchronous Buck Control IC
MIC2169B MICREL-MIC2169B_10 Datasheet
526Kb / 25P
500kHz PWM Synchronous Buck Control IC
MIC2169A MICREL-MIC2169A_09 Datasheet
1Mb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2183 MICREL-MIC2183_05 Datasheet
152Kb / 12P
Low Voltage Synchronous Buck PWM Control IC
MIC2184 MICREL-MIC2184_05 Datasheet
133Kb / 12P
Low Voltage Buck PWM Control IC
MIC2169 MICREL-MIC2169_09 Datasheet
207Kb / 15P
500kHz PWM Synchronous Buck Control IC
MIC2168A MICREL-MIC2168A_15 Datasheet
884Kb / 18P
1MHz PWM Synchronous Buck-Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com