Electronic Components Datasheet Search
  English  ▼

X  

MIC2131 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC2131 Datasheet HTML 12Page - Micrel Semiconductor MIC2131 Datasheet HTML 13Page - Micrel Semiconductor MIC2131 Datasheet HTML 14Page - Micrel Semiconductor MIC2131 Datasheet HTML 15Page - Micrel Semiconductor MIC2131 Datasheet HTML 16Page - Micrel Semiconductor MIC2131 Datasheet HTML 17Page - Micrel Semiconductor MIC2131 Datasheet HTML 18Page - Micrel Semiconductor MIC2131 Datasheet HTML 19Page - Micrel Semiconductor MIC2131 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
18
M9999-042108-C
Figure 14 shows the gain and phase curves for the
above transfer function with R1 = 2k, C1 = 0.068µF, C2
= 470pF, and gm = 0.0015Ω–1. It can be seen that at
15kHz, the error amplifier exhibits approximately 9.6db
of gain and 170° of phase. Figure 13 shows the open
loop transfer function T(s) with these compensation
values. It has a cross over frequency of 15KHz and
phase margin of 60˚.
Figure 13. Error Amp Gain and Phase
Figure 14. The Open Loop T(s)
Gain and Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com