Electronic Components Datasheet Search
  English  ▼

X  

MIC2131 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2131 Datasheet HTML 10Page - Micrel Semiconductor MIC2131 Datasheet HTML 11Page - Micrel Semiconductor MIC2131 Datasheet HTML 12Page - Micrel Semiconductor MIC2131 Datasheet HTML 13Page - Micrel Semiconductor MIC2131 Datasheet HTML 14Page - Micrel Semiconductor MIC2131 Datasheet HTML 15Page - Micrel Semiconductor MIC2131 Datasheet HTML 16Page - Micrel Semiconductor MIC2131 Datasheet HTML 17Page - Micrel Semiconductor MIC2131 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
14
M9999-042108-C
Application Information
Passive Component Selection Guide
Transition losses in the power MOSFETs are not defined
by inductor value. However, the inductor value is
responsible for the ripple current which causes some of
the resistive losses. These losses are proportional to
IRIPPLE
2. Minimizing inductor ripple current therefore
reduces resistive losses and can be achieved by
choosing a larger value inductor. This will generally
improve efficiency by reducing the RMS current flowing
in all of the power components. The actual value of
inductance is really defined by space limitations, RMS
rating (IRMS) and saturation current (ISAT) of available
inductors. If we look at the newer flat wire inductors,
these have higher saturation current ratings than the
RMS current rating for lower values and as inductance
value increases, these figures get closer in value. This
mirrors what happens in the converter with ISAT
analogous to the maximum peak switch current and IRMS
analogous to output current. As inductance increases, so
ISWITCHpk tends towards IOUT. This is a characteristic that
makes these types of inductor optimal for use in high
power buck converters such as MIC2130/31.
To determine the ISAT and IRMS rating of the inductor, we
should start with a nominal value of ripple current. This
should typically be no more than IOUT(max)/2 to minimize
MOSFET losses due to ripple current mentioned earlier.
Therefore:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
−
⋅
⋅
Efficiency
V
V
F
I
V
L
IN
O
SWITCH
O
O
MIN
1
2
~
ILRMS > 1.04 x IOUT(max)
ILSAT > 1.25 x IOUT(max)
Any value chosen above LMIN will ensure these ratings
are not exceeded.
In considering the actual value to choose, we need to
look at the effect of ripple on the other components in
the circuit. The chosen inductor value will have a ripple
current of:
()
L
V
F
D
I
OUT
SWITCH
RIPPLE
⋅
−
1
~
This value should ideally be kept to a minimum, within
the cost and size constraints of the design, to reduce
unnecessary heat dissipation.
Output Capacitor Selection
The output capacitor (COUT) will have the full inductor
ripple current ILRMS flowing through it. This creates the
output switching noise which consists of two main
components:
4
43
4
42
1
4
43
4
42
1
Noise
Capacitor
OUT
ON
RIPPLE
Noise
ESR
RIPPLE
PK
OUTPK
C
T
I
ESR
I
V
⋅
⋅
+
⋅
≈
−
2
If therefore, the need is for low output voltage noise
(e.g., in low output voltage converters), VOUT ripple can
be directly reduced by increasing inductor value, Output
capacitor value or reducing ESR.
For tantalum capacitors, ESR is typically >40m
Ω which
usually makes loop stabilization easier by utilizing a
pole-zero (type II) compensator.
Due to the many advantages of multi-layer ceramic
capacitors, among them, cost, size, ripple rating and
ESR, it can be useful to use these in many cases.
However, one disadvantage is the CV product. This is
lower than tantalum. A mixture of one tantalum and one
ceramic can be a good compromise which can still utilize
the simple type II compensator.
With ceramic output capacitors only, a double-pole,
double-zero (type III) compensator is required to ensure
system stability. Loop compensation is described in
more detail later in the data sheet.
Ensure the RMS ripple current rating of the capacitor is
above IRIPPLE ⋅ 0.6 to improve reliability.
Input Capacitor Selection
The input filter needs to supply the load current when the
high-FET is on and should to limit the ripple to the desire
value. The CIN ripple rating for a converter is typically
IOUT/2 under worst case duty cycle conditions of 50%.
IRMSCIN =
(
)
D
D
I
OUT
−
×
×
1
Where D = VOUT/(VINxeff)
It is however, also important to closely decouple the
Power MOSFETs with 2 x 10µF Ceramic capacitors to
reduce ringing and prevent noise related issues from
causing problems in the layout of the regulator. The
ripple rating of CIN may therefore be satisfied by these
decoupling capacitors as they allow the use of perhaps
one more ceramic or tantalum input capacitor at the
input voltage node to decouple input noise and localize
high di/dt signals to the regulator input.
Power MOSFET Selection
The MIC2130/31 drives N-channel MOSFETs in both the
high-side and low-side positions. This is because the
switching speed for a given RDSON in the N-Channel
device is superior to the P-Channel device.
There are different criteria for choosing the high- and
low-side MOSFETs and these differences are more
significant at lower duty cycles such as 12V to 1.8V
conversion. In such an application, the high-side
MOSFET is required to switch as quickly as possible to
minimize transition losses (power dissipated during rise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com