Electronic Components Datasheet Search
  English  ▼

X  

MIC2131 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2131
Description  High Voltage Synchronous Buck Control IC with Low EMI Option
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2131 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2131 Datasheet HTML 4Page - Micrel Semiconductor MIC2131 Datasheet HTML 5Page - Micrel Semiconductor MIC2131 Datasheet HTML 6Page - Micrel Semiconductor MIC2131 Datasheet HTML 7Page - Micrel Semiconductor MIC2131 Datasheet HTML 8Page - Micrel Semiconductor MIC2131 Datasheet HTML 9Page - Micrel Semiconductor MIC2131 Datasheet HTML 10Page - Micrel Semiconductor MIC2131 Datasheet HTML 11Page - Micrel Semiconductor MIC2131 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Micrel, Inc.
MIC2130/1
April 2008
8
M9999-042108-C
Functional Diagram
Figure 1. MIC2130/1 Block Diagram
Functional Description
The MIC2130/31 is a voltage mode synchronous buck
controller built for optimum speed and efficiency. It is
designed for wide input voltage range and for high
output power buck converters. Figure 1 shows the block
diagram.
The control loop has two stages of regulation. During
steady-state to medium output disturbances, the loop
operates in fixed frequency, PWM mode while (gm loop),
during a large output voltage disturbance (~±6%
nominal), the loop becomes hysteretic; meaning that for
a short period, the switching MOSFETs are switched on
and off continuously until the output voltage returns to
it’s nominal level. This maximizes transient response for
large load steps, while nominally operating in fixed
frequency PWM mode. Voltage mode control is used to
allow for maximum flexibility and maintains good
transient regulation. The operating input voltage range is
8V to 40V and output can be set from 0.7V up to
0.85*VIN. Start-up surges are prevented using built in
soft start circuitry as well as resistor-less (LSD RDSON is
used to sense load current) current sensing for overload
protection. Other protection features include UVLO, over
voltage latch off protection, Power good signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com