Electronic Components Datasheet Search
  English  ▼

X  

DRA752ABC Datasheet(PDF) 135 Page - Texas Instruments

Part # DRA752ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA752ABC Datasheet(HTML) 135 Page - Texas Instruments

Back Button DRA752ABC Datasheet HTML 131Page - Texas Instruments DRA752ABC Datasheet HTML 132Page - Texas Instruments DRA752ABC Datasheet HTML 133Page - Texas Instruments DRA752ABC Datasheet HTML 134Page - Texas Instruments DRA752ABC Datasheet HTML 135Page - Texas Instruments DRA752ABC Datasheet HTML 136Page - Texas Instruments DRA752ABC Datasheet HTML 137Page - Texas Instruments DRA752ABC Datasheet HTML 138Page - Texas Instruments DRA752ABC Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 443 page
background image
135
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-29. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
D18
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
E17
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
B26
xref_clk3
External Reference Clock 3. For Audio and other Peripherals.
I
C23
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input. Functions as the input
connection to a crystal when the internal oscillator OSC0 is used. Functions as an
LVCMOS-compatible input clock when an external oscillator is used.
I
AE15
xo_osc0
System Oscillator OSC0 Crystal output
O
AD15
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input. Functions as the
input connection to a crystal when the internal oscillator OSC1 is used. Functions as
an LVCMOS-compatible input clock when an external oscillator is used
I
AC15
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
AC13
RMII_MHZ_50_C
LK(1)
RMII Reference Clock (50MHz). This pin is an input when external reference is used
or output when internal reference is used.
IO
U3
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any non-monotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) Note that rstoutn is only valid after vddshv3 is valid. If the rstoutn signal will be used as a reset into other devices attached to the SOC, it
must be AND'ed with porz. This will prevent glitches occurring during supply ramping being propagated.
4.4.25.3 Real Time Clock (RTC) Interface
NOTE
For more information, see the Real Time Clock (RTC) SS section of the device TRM.
Table 4-30. RTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Wakeup0
RTC External Wakeup Input 0
I
AD17
Wakeup1
RTC External Wakeup Input 1
I
AC17
Wakeup2
RTC External Wakeup Input 2
I
AB16
Wakeup3
RTC External Wakeup Input 3
I
AC16
rtc_porz
RTC Power Domain Power-On Reset Input
I
AB17
rtc_osc_xi_clkin3
2
RTC Oscillator Input. Crystal connection to internal RTC oscillator. Functions as an
RTC clock input when an external oscillator is used.
I
AE14
rtc_osc_xo
RTC Oscillator Output
O
AD14
rtc_iso(1)
RTC domain isolation signal.
I
AF14
on_off
RTC Power Enable output pin
O
Y11
(1) This signal must be kept 0 if device power supplies are not valid during RTC mode and 1 during normal operation. This can typically be
achieved by connecting rtc_iso to the same signal driving porz (not rtc_porz) with appropriate voltage level translation if necessary.
4.4.25.4 System Direct Memory Access (SDMA)
NOTE
For more information, see the DMA Controllers / System DMA section of the device TRM.
Table 4-31. SDMA Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
dma_evt1
System DMA Event Input 1
I
P7 / P4
dma_evt2
System DMA Event Input 2
I
N1 / R3
dma_evt3
System DMA Event Input 3
I
N6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com